công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • POE-CIT-R

  • AI
    The **POE-CIT-R** is a specialized industrial-grade electronic device, typically categorized as a **PoE (Power over Ethernet) Injector or Tester** (often associated with brands like ANV or specialized network hardware manufacturers). It is designed to facilitate the transmission of power and data over a single Ethernet cable to remote devices. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Core Electronic Components The device is composed of several critical subsystems that manage voltage conversion and data integrity: | Component Type | Function | Description | | :--- | :--- | :--- | | **Transformer (Isolation)** | Data Coupling | Separates the DC power from the high-frequency AC data signals to prevent interference. | | **DC-DC Converter** | Voltage Regulation | Steps up or regulates input voltage to the standard IEEE 802.3af/at levels (usually 48V-56V). | | **Rectifier Bridge** | Polarity Protection | Ensures the device functions regardless of the polarity of the power input. | | **Controller IC** | Logic Management | An integrated circuit that handles the "handshake" process to detect if a PD (Powered Device) is connected. | | **TVS Diodes** | Surge Protection | Transient Voltage Suppressors that protect the internal circuitry from static and lightning strikes. | --- ### 2. Technical Specifications The electronics are designed to meet the following standard operational parameters: * **Input Voltage:** 100V – 240V AC (Internal Power Version) or 12V-48V DC. * **Output Voltage:** Typically **48V to 56V DC**. * **Data Rates:** Supports 10/100/1000 Mbps (Gigabit Ethernet) through high-quality signal filtering. * **Pin Assignment:** * *Midspan:* Power on pins 4,5 (+) and 7,8 (-). * *Endspan:* Power on pins 1,2 and 3,6. --- ### 3. Electronic Architecture & Workflow The POE-CIT-R operates through a specific electronic sequence to ensure safety: 1. **Detection Phase:** The Controller IC sends a low-voltage signal to check for a specific resistance (25kΩ) in the connected device. 2. **Classification:** The electronics measure the current flow to determine the power class (Class 0-4) required by the device. 3. **Power Up:** Once validated, the DC-DC converter ramps up the voltage to the full 48V+. 4. **Monitoring:** Shunt resistors and sensing circuits monitor for over-current or short-circuit conditions, cutting power instantly if a fault is detected. --- ### 4. Circuit Diagram Representation (Simplified) ```mermaid graph LR A[AC/DC Input] --> B[Power Management IC] C[Data Input RJ45] --> D[Data Transformer] B --> E[Power/Data Combiner] D --> E E --> F[PoE Output RJ45] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the POE-CIT-R and standard 802.3at injectors?
    • ⤷ How does the surge protection circuit in this device handle lightning strikes?
    • ⤷ Can the POE-CIT-R be used with non-PoE devices safely?