PNS-1F-R
AI

The **PNS-1F-R** is a specialized electronic component, typically categorized as a **High-Voltage Reed Sensor** or proximity switch, often manufactured by companies like OKI Sensor Device (now part of Standex Electronics). These components are designed for non-contact detection using magnetic fields.
---
## 1. Technical Specifications
The "PNS" series is known for its high reliability and specific electrical characteristics suited for industrial environments.
| Feature | Description |
| :--- | :--- |
| **Contact Form** | Form A (Normally Open) |
| **Switching Voltage** | Usually rated up to 200V - 350V DC (Model dependent) |
| **Switching Current** | 0.5A to 1.0A |
| **Contact Resistance** | Max 100-150 mΩ |
| **Operating Temperature** | -20°C to +85°C |
| **Housing Material** | Plastic (PBT or similar reinforced resin) |
---
## 2. Key Electronic Parts & Construction
The device consists of three primary internal sections:
### A. The Reed Switch
The heart of the unit is a glass-encapsulated reed switch. It consists of two ferromagnetic blades (reeds) plated with precious metals (like Rhodium or Ruthenium) to prevent oxidation and ensure low contact resistance over millions of cycles.
### B. Encapsulation/Housing
The internal reed switch is "potted" using an epoxy resin inside a rugged plastic housing. This provides:
* **Galvanic Isolation:** High dielectric strength between the circuit and the environment.
* **Mechanical Protection:** Resistance against vibration and physical shock.
* **Environmental Sealing:** Protection against moisture, dust, and corrosive gases.
### C. Termination (The "R" Suffix)
The "R" in the part number often denotes the lead configuration or compliance:
* **RoHS Compliance:** Ensuring the part is free from lead and other hazardous substances.
* **Right-Angle/Radial Leads:** Depending on the specific datasheet, it may refer to the orientation of the connection pins for PCB mounting.
---
## 3. Working Principle
The PNS-1F-R operates via **Magnetic Induction**:
1. **Passive State:** When no magnetic field is present, the internal reeds remain separated (Open circuit).
2. **Active State:** When a permanent magnet or electromagnet approaches the sensor, the magnetic flux flows through the reeds, causing them to attract and touch (Closed circuit).
3. **Reset:** Once the magnet is removed, the spring tension of the reeds causes them to snap back to the open position.
---
## 4. Common Applications
* **Security Systems:** Door and window position sensing.
* **Industrial Automation:** Limit switching for pneumatic cylinders.
* **Automotive:** Fluid level sensing (brake fluid/coolant) via float magnets.
* **Safety Interlocks:** Ensuring machine guards are closed before operation.
- ⤷
What is the maximum breakdown voltage for the PNS-1F-R?
- ⤷How does the magnetic sensitivity (AT rating) affect the trigger distance?
- ⤷Can this sensor be used in AC circuits or is it DC only?