AI

The **PMS-G-R** is a specific variant of a **Miniature Pressure Sensor** (often referred to as a Pressure Transducer), typically manufactured by companies like **Kyowa** or similar precision instrument firms. This sensor is designed to measure gaseous or liquid pressure in extremely confined spaces.
Below is an explanation of its electronic components and characteristics.
---
## 1. Electronic Composition
The PMS-G-R operates based on **Bonded Strain Gauge** technology.
| Component | Description |
| :--- | :--- |
| **Sensing Element** | A metallic diaphragm that deforms under pressure. |
| **Strain Gauges** | High-sensitivity resistors bonded to the diaphragm. They convert mechanical strain into electrical resistance change. |
| **Wheatstone Bridge** | The internal circuit configuration (usually a full bridge) used to output a voltage proportional to the pressure. |
| **Compensation Circuit** | Internal resistors used for zero-point and span thermal compensation. |
---
## 2. Technical Specifications
The "G" in the name generally denotes **Gauge Pressure**, and "R" often refers to a specific **Rated Capacity** or a refined design iteration.
### Electrical Characteristics
* **Bridge Resistance:** Typically **350Ω** (Standard for industrial strain gauges).
* **Excitation Voltage:** Usually **2V to 5V AC/DC** (Recommended), Max 10V.
* **Rated Output:** Approximately **1.0 mV/V to 2.0 mV/V** (at full scale).
* **Insulation Resistance:** $>500 M\Omega$ at 50V DC.
---
## 3. Wiring and Connection
The PMS-G-R usually features a 4-wire lead system. These leads must be connected to a signal conditioner or an amplifier (like a strain amplifier) to convert the millivolt signal into a readable format.
### Color Coding (Standard)
| Wire Color | Function |
| :--- | :--- |
| **Red** | Input / Excitation (+) |
| **Black** | Input / Excitation (-) |
| **Green** | Output / Signal (+) |
| **White** | Output / Signal (-) |
---
## 4. Key Features for Electronics Designers
1. **Miniaturization:** These sensors are typically extremely small (often 4mm to 6mm in diameter), making them ideal for wind tunnel testing, pipe internal measurements, or biomedical applications.
2. **High Frequency Response:** Due to the small diaphragm mass, they can measure rapid pressure fluctuations.
3. **Low Power Consumption:** Since they are purely resistive (passive), they draw very little current, dictated by Ohm’s Law ($I = V/R$).
---
## 5. Usage Precautions
* **Signal Amplification:** Because the output is in millivolts, you must use a high-precision Instrumentation Amplifier (e.g., AD620 or similar) to interface with a microcontroller (like an Arduino or ESP32).
* **Excitation Stability:** The output is directly proportional to the input voltage. If the power supply fluctuates, the pressure reading will drift. Use a stable LDO or reference voltage.
- ⤷
What is the maximum rated pressure for the PMS-G-R series?
- ⤷ How do I calibrate a PMS-G-R sensor using an Arduino?
- ⤷ What is the difference between gauge pressure and absolute pressure in these sensors?