công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PMS-E-R

  • AI
    The **PMS-E-R** (typically referring to a specific series of high-precision electronic pressure sensors or pressure transmitters) is a sophisticated electronic component used in industrial automation. Its internal design integrates sensing elements with signal conditioning electronics to convert physical pressure into a standardized electrical output. --- ### 1. Key Electronic Components The PMS-E-R series generally consists of four primary electronic functional blocks: | Component Group | Function | Description | | :--- | :--- | :--- | | **Sensing Element** | Physical Detection | Usually a piezoresistive silicon chip or a ceramic thick-film sensor that changes resistance under pressure. | | **ASIC / Signal Processor** | Data Processing | An Application-Specific Integrated Circuit that performs linearization and temperature compensation. | | **A/D Converter** | Signal Conversion | Converts the analog voltage from the sensor bridge into a digital signal for internal processing. | | **Output Stage** | Communication | Converts the processed signal into standard outputs like 4-20mA, 0-10V, or IO-Link. | --- ### 2. Technical Specifications (Electronic) The electronic reliability of the PMS-E-R is defined by its electrical interface and protection circuits: * **Supply Voltage:** Typically 18–30 VDC. * **Protection Circuits:** * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. * **Overvoltage Protection:** Guards against spikes in the power supply. * **Short-circuit Protection:** Protects the output stage from wiring errors. * **Response Time:** Highly optimized electronic switching, usually $< 5ms$. --- ### 3. Connection and Wiring The electronics are housed in a rugged casing (often IP65 or IP67 rated) and use standardized connectors. ```yaml Wiring_Configuration: Pin_1: L+ (Positive Power Supply) Pin_2: Out_2 (Switching output or Analog signal) Pin_3: L- (Negative Power Supply / Common) Pin_4: Out_1 (Primary switching output / IO-Link) ``` --- ### 4. Electronic Features of the "R" Variant The **"R"** suffix in this series often denotes specific electronic modifications: 1. **Rotatable Display:** The electronic module includes a LED or LCD display that can be electronically inverted or physically rotated for visibility. 2. **Remote Programming:** Allows for electronic parameter setting via a PC or handheld device rather than physical buttons. 3. **Enhanced Resolution:** Refined electronics for higher precision in vacuum or low-pressure ranges.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 4-20mA and IO-Link versions of the PMS-E-R?
    • ⤷ How do I troubleshoot a 'No Signal' error on a PMS-E-R sensor?
    • ⤷ Can the switching points be programmed electronically without a physical load?