PM7232S-R72M-RC
AI

The **PM7232S-R72M-RC** is a high-current, shielded surface-mount (SMD) power inductor manufactured by Bourns. These components are primarily used for DC-DC converter applications where high efficiency and low electromagnetic interference (EMI) are required.
---
### 1. Technical Specifications
| Parameter | Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 0.72 µH | Measured at 100 kHz / 0.1 V |
| **Tolerance** | ±20% | Standard for power inductors |
| **Rated Current (Irms)** | 10.5 A | Current causing 40°C temperature rise |
| **Saturation Current (Isat)** | 22 A | Current causing 30% drop in inductance |
| **DC Resistance (DCR)** | 7.0 mΩ Max | Low resistance for high efficiency |
| **Operating Temp** | -55°C to +125°C | Includes self-heating |
| **Shielding** | Shielded | Carbonyl powder core for low EMI |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **PM7232S**: The series designation. "7232" typically refers to the physical footprint (approx. 7.2mm x 7.2mm).
* **R72**: Represents the inductance value. "R" acts as a decimal point, so R72 = **0.72 µH**.
* **M**: Represents the tolerance code (**±20%**).
* **RC**: Indicates **RoHS Compliant**.
---
### 3. Key Features & Construction
1. **Shielded Construction**: The inductor is encapsulated in a magnetic metal powder core. This design minimizes "stray" magnetic fields, preventing interference with nearby sensitive components on the PCB.
2. **High Saturation Current**: Unlike ferrite cores that saturate "hard" (sudden drop in inductance), the carbonyl powder core used here provides a "soft" saturation curve, making the circuit more stable under peak loads.
3. **Low DCR**: The use of flat-wire or heavy-gauge copper winding inside reduces power loss due to heat (I²R losses), which is critical for battery-powered devices.
---
### 4. Common Applications
* **Voltage Regulator Modules (VRMs)**: Used in CPUs and GPUs for power delivery.
* **DC/DC Converters**: Found in telecommunications equipment and industrial power supplies.
* **Battery Powered Devices**: Where high efficiency is needed to extend battery life.
* **Automotive Electronics**: Used in infotainment and driver assistance systems (though usually, "A" prefixed parts are used for AEC-Q200 grade).
---
- ⤷
What are the physical dimensions and footprint of the PM7232S series?
- ⤷ How does the 'soft saturation' of this inductor benefit a switching power supply design?
- ⤷ Are there AEC-Q200 qualified alternatives for this part in automotive applications?