PM20-R39M
AI

## PM20-R39M: Electronic Component Overview
The **PM20-R39M** is a surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal filtering circuits. Below is a breakdown of its technical specifications and physical characteristics.
### 1. Technical Specifications
The part number follows a standard nomenclature where "R39" represents the inductance value and "M" represents the tolerance.
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH | (390 nH) |
| **Tolerance** | ±20% | Indicated by the "M" suffix |
| **Case Size** | 1210 (Metric 3225) | 3.2mm x 2.5mm |
| **Core Material** | Ferrite / Wire-wound | High stability for signal processing |
| **Current Rating** | ~450mA | Typical saturation current (varies by brand) |
| **DC Resistance (DCR)** | ~0.45 - 0.65 Ω | Maximum resistance of the wire |
| **SRF** | ~250 MHz | Self-Resonant Frequency |
---
### 2. Key Features
* **High Q Factor:** Designed to provide low loss at high frequencies.
* **Physical Durability:** The wire-wound construction is typically encapsulated in a resin mold, making it resistant to mechanical shock and vibration.
* **Compact Footprint:** The 1210 size allows for high-density PCB mounting.
* **Wide Temperature Range:** Usually rated for operation between -40°C and +125°C.
---
### 3. Common Applications
Due to its inductance value and high-frequency performance, the PM20-R39M is found in:
1. **RF Circuits:** Used for impedance matching and signal tuning in communication devices.
2. **Filtering:** Acting as a low-pass filter to block high-frequency noise in power supply lines.
3. **Mobile Electronics:** Used in tablets, smartphones, and handheld GPS units.
4. **Audio/Video:** Signal processing in consumer electronics.
---
### 4. Part Number Decoding
The part number can be broken down as follows:
```text
PM 20 - R39 M
| | | |
| | | +-- Tolerance (M = ±20%)
| | +------ Inductance (R39 = 0.39µH)
| +------------- Series / Size Identifier
+----------------- Manufacturer Prefix (e.g., Bourns)
```
- ⤷
What are the equivalent alternative parts for the PM20-R39M?
- ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
- ⤷ What is the difference between a wire-wound inductor and a multilayer inductor of the same value?