PM20-R12M
AI

The **PM20-R12M** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power management circuits. It is part of the PM20 series, typically manufactured by companies like Bourns.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number **PM20-R12M** follows a specific naming convention that reveals its electrical properties:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.12 µH | The "R12" indicates 0.12 microhenries. |
| **Tolerance** | ±20% | The "M" suffix denotes a 20% tolerance. |
| **Package Size** | 1210 (EIA) / 3225 (Metric) | Dimensions are approx. 3.2mm x 2.5mm. |
| **Component Type** | Wirewound Inductor | Utilizes a wire coil around a core for high Q factors. |
| **Mounting Type** | SMD/SMT | Designed for automated surface mount assembly. |
---
### 2. Electrical Performance
Inductors like the PM20-R12M are defined by how they handle current and frequency:
* **Self-Resonant Frequency (SRF):** Typically very high (often > 500 MHz) for this low inductance value, making it suitable for high-frequency filtering.
* **DC Resistance (DCR):** Usually very low (in the milliohm range), which minimizes power loss and heat generation.
* **Rated Current:** This is the maximum current the device can handle before the temperature rises significantly or the core saturates.
---
### 3. Construction and Materials
* **Core Material:** Usually ferrite or ceramic. For a low value like 0.12µH, a ceramic core is often used to maintain high frequency performance.
* **Encapsulation:** The coil is often molded or coated in epoxy resin to protect against mechanical stress and moisture.
* **Terminations:** Features solder-plated end caps (usually Matte Sn over Ni) for easy soldering.
---
### 4. Common Applications
The PM20-R12M is versatile and found in various electronic sectors:
1. **Mobile Electronics:** Power management in smartphones and tablets.
2. **RF Circuits:** Used as a choke or for impedance matching in high-frequency communication modules.
3. **Decoupling:** Filtering high-frequency noise out of power supply lines to protect sensitive ICs.
4. **DC-DC Converters:** Small-scale voltage regulation for portable devices.
---
- ⤷
What is the maximum rated current for the PM20-R12M?
- ⤷ Are there alternative inductors with a lower tolerance than ±20%?
- ⤷ How does the PM20 series compare to the PM1210 series in terms of footprint?