PM20-R10M
AI

The **PM20-R10M** is a surface-mount (SMD) fixed inductor, typically manufactured by companies like Bourns. It is part of the PM20 series, known for its small 1210 footprint and reliability in high-frequency applications.
---
### 1. Technical Specifications
The part number "R10M" defines the core electrical properties of the component.
| Property | Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 0.10 µH (100 nH) | "R10" indicates the decimal point |
| **Tolerance** | ±20% | Represented by the "M" suffix |
| **Package Size** | 1210 (3225 Metric) | 3.2mm x 2.5mm |
| **Rated Current** | ~450 mA | Varies slightly by manufacturer |
| **Self-Resonant Frequency** | > 450 MHz | High frequency capability |
| **DC Resistance (DCR)** | ~0.44 Ohms (Max) | Affects power efficiency |
| **Core Material** | Phenolic/Wire-wound | Non-magnetic core for high Q |
---
### 2. Component Construction
The PM20 series is a **Wire-wound chip inductor**. Unlike multilayer inductors, these consist of a wire coiled around a ceramic or phenolic core.
* **Encapsulation:** The coil is protected by an epoxy resin or molded case, making it resistant to mechanical shock and environmental moisture.
* **Terminations:** Usually tinned copper or silver-palladium, designed for lead-free reflow soldering.
---
### 3. Key Applications
Because of its low inductance (0.10 µH) and high resonant frequency, this part is used in:
1. **RF Circuits:** Used for impedance matching and signal filtering in wireless communication devices.
2. **High-Speed Data Lines:** To suppress high-frequency noise without distorting the signal.
3. **DC/DC Converters:** Acts as a small energy storage element in low-power miniature power supplies.
4. **Oscillators:** Provides frequency stability in tuning circuits.
---
### 4. Deciphering the Part Number
* **PM20:** Series designation (High-current, wire-wound chip inductor).
* **R10:** Resistance/Inductance value (R = decimal point; 0.10 microhenries).
* **M:** Tolerance code (M = ±20%, K = ±10%, J = ±5%).
- ⤷
What are the alternatives to PM20-R10M if I need a tighter tolerance?
- ⤷ How does the self-resonant frequency affect its performance in RF circuits?
- ⤷ Can this inductor be used for power filtering in 12V systems?