PM20-R012M
AI

The **PM20-R012M** is a high-precision surface-mount (SMD) power inductor commonly used in noise filtering and power management circuits. It belongs to the wire-wound miniature inductor category, designed for high-frequency stability.
---
### 1. Technical Specifications
The part number follows a specific nomenclature provided by manufacturers (commonly **Bourns**). Below are the core electrical characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.012 µH (12 nH) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Package Size** | 1210 (EIA) / 3225 (Metric) |
| **Material** | Wire-wound with a Phenolic/Ferrite core |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Non-shielded |
---
### 2. Physical and Material Composition
* **Construction:** It consists of a copper wire wound around a ceramic or phenolic core. Because the inductance is very low (12 nH), it often uses a non-magnetic core to maintain high $Q$ (Quality Factor) at high frequencies.
* **Terminations:** Typically features tin-plated (Sn) over nickel (Ni) barriers to ensure excellent solderability and resistance to leaching during reflow.
* **Dimensions:** Approximately $3.2 \times 2.5 \times 2.2$ mm.
---
### 3. Key Electronic Functions
The PM20-R012M serves three primary roles in a circuit:
1. **Impedance Matching:** Used in RF (Radio Frequency) stages to match the impedance between an antenna and a transceiver.
2. **High-Frequency Filtering:** Acts as a low-pass filter to block high-frequency noise while allowing DC and low-frequency signals to pass.
3. **Resonance:** Often paired with a capacitor to create an LC resonant circuit for specific frequency tuning.
---
### 4. Typical Applications
Because of its small size and high-frequency performance, it is found in:
* **Mobile Communication:** Smartphones, GPS modules, and Wi-Fi routers.
* **Automotive Electronics:** Infotainment systems and sensor arrays.
* **Consumer Tech:** High-speed data interfaces and wearable devices.
---
### 5. Identification Code Breakdown
`PM20 - R012 M`
* **PM20:** Series identifier (usually 1210 size).
* **R012:** Inductance value ($R$ acts as a decimal point, $0.012$ µH).
* **M:** Tolerance code ($M = \pm 20\%$).
- ⤷
What is the maximum current rating (Irms) for the PM20-R012M?
- ⤷ Are there shielded versions of the PM20 series for EMI-sensitive designs?
- ⤷ What is the Self-Resonant Frequency (SRF) for this specific 12nH inductor?