PM1210-R68J
AI

## Overview of PM1210-R68J
The **PM1210-R68J** is a surface-mount (SMD) wire-wound chip inductor manufactured by **Bourns**. It is part of the PM1210 series, which is designed for high-frequency applications and high-reliability circuits.
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±5% (indicated by 'J') |
| **Case Size** | 1210 (3.2 x 2.5 mm) |
| **Rated Current** | 450 mA (approximate) |
| **DC Resistance (DCR)** | 0.50 Ohms (Max) |
| **Self-Resonant Frequency (SRF)** | 160 MHz |
| **Operating Temperature** | -40°C to +125°C |
---
### Core Component Breakdown
#### 1. Part Number Deciphering
* **PM1210**: The series name, where "1210" refers to the physical dimensions in inches (0.12 x 0.10 inches).
* **R68**: The inductance value. "R" acts as a decimal point, resulting in **0.68 µH**.
* **J**: The tolerance code. "J" stands for **±5%**, which is relatively precise for power inductors.
#### 2. Construction and Materials
The device utilizes a **wire-wound construction** over a ferrite core. This design offers several advantages over multilayer inductors:
* Higher Q (Quality) factors.
* Lower DC resistance.
* Better current-handling capabilities.
* Epoxy resin encapsulation for environmental protection.
#### 3. Applications
The PM1210-R68J is commonly found in:
* **Mobile Devices:** Power management in smartphones and tablets.
* **Telecom:** Filtering and decoupling in high-frequency communication lines.
* **Automotive:** Infotainment systems and sensor modules.
* **General Electronics:** DC/DC converters and voltage regulators.
---
### Comparison with Similar Components
| Feature | PM1210-R68J | Multilayer Equivalent |
| :--- | :--- | :--- |
| **Current Handling** | Higher | Lower |
| **Precision** | High (±5%) | Moderate (±10% to 20%) |
| **Frequency Range** | Excellent (Wideband) | Narrower |
| **Size** | Standard (1210) | Often smaller (0603/0805) |
---
- ⤷
What are the specific soldering profile recommendations for the PM1210 series?
- ⤷ Can this inductor be used in high-vibration automotive environments?
- ⤷ What is the 'Q factor' of this specific 0.68uH model?