công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PM1210-R39J

  • AI
    ### PM1210-R39J Component Overview The **PM1210-R39J** is a high-frequency Surface Mount Device (SMD) wire-wound chip inductor. It is part of the PM1210 series, commonly manufactured by Bourns (though other manufacturers may produce cross-referenced versions). --- ### 1. Key Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.39 µH | The "R39" in the part number represents 0.39. | | **Tolerance** | ±5% | Indicated by the suffix "J". | | **Case Size** | 1210 (EIA) | Metric 3225 (3.2mm x 2.5mm). | | **Q Factor (Min)** | 30 | Quality factor measured at 25.2 MHz. | | **SRF (Min)** | 250 MHz | Self-Resonant Frequency. | | **DCR (Max)** | 0.45 Ω | Direct Current Resistance. | | **Rated Current** | 450 mA | The maximum continuous DC current. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **PM**: Series prefix (Wire-wound Chip Inductor). * **1210**: Physical dimensions (Length 0.12" x Width 0.10"). * **R39**: The numerical value of inductance ($R$ acts as a decimal point). $0.39$ microhenries ($\mu H$). * **J**: Tolerance code ($J = \pm 5\%$, $K = \pm 10\%$, $M = \pm 20\%$). --- ### 3. Construction and Material * **Core Material:** Typically a non-magnetic (phenolic/ceramic) or ferrite core depending on the specific frequency requirements. For low inductance values like 0.39 µH, a ceramic core is often used to ensure high SRF. * **Termination:** Lead-free (RoHS compliant) tin plating over nickel barrier to prevent leaching during soldering. * **Encapsulation:** Molded construction provides excellent mechanical strength and environmental protection. --- ### 4. Typical Applications This component is designed for signal conditioning and power management in compact electronics: * **RF Circuits:** Used in impedance matching and resonant circuits. * **Filtering:** Low-pass or band-pass filters in telecommunications equipment. * **Decoupling:** Reducing high-frequency noise in power supply lines for sensitive ICs. * **Consumer Electronics:** Found in mobile devices, GPS units, and high-speed networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in the 1210 size?
    • ⤷ How does the Q factor affect the performance of this inductor in an RF circuit?
    • ⤷ Are there specific soldering profiles recommended for the PM1210 series?