PM0805-R27K
AI

The **PM0805-R27K** is a surface-mount electronic component, specifically a **Fixed Inductor** (often referred to as a chip inductor). It is commonly used in high-frequency applications, RF circuits, and general-purpose filtering.
Below is a detailed breakdown of its specifications and electronic properties.
---
## 1. Part Number Deciphering
The part number follows a standard industry convention (often associated with manufacturers like Bourns):
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **PM** | Series Prefix | Generally indicates a standard wire-wound chip inductor series. |
| **0805** | Case Size | Industry standard footprint: 0.08 x 0.05 inches (2.0 x 1.25 mm). |
| **R27** | Inductance Value | "R" acts as a decimal point. 0.27 microhenries (**0.27 µH** or **270 nH**). |
| **K** | Tolerance | Indicates a **±10%** tolerance range. |
---
## 2. Technical Specifications
The following table highlights the typical electrical characteristics for this part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.27 µH (270 nH) |
| **Tolerance** | ±10% |
| **DC Resistance (DCR)** | Max ~0.90 to 1.30 Ohms (varies by manufacturer) |
| **Rated Current (Idc)** | Approx. 300 mA (maximum continuous current) |
| **Self-Resonant Frequency (SRF)** | Typically > 500 MHz |
| **Quality Factor (Q)** | Usually 30 - 60 (at specific test frequencies) |
| **Operating Temperature** | -40°C to +125°C |
---
## 3. Physical Construction
* **Mounting Type:** Surface Mount Device (SMD).
* **Core Material:** Usually a **Ceramic** or **Ferrite** core depending on the specific sub-series. Ceramic cores are preferred for high-frequency stability, while ferrite offers higher inductance in small packages.
* **Termination:** Lead-free (RoHS compliant) solder pads, usually tin-plated over nickel.
---
## 4. Typical Applications
The PM0805-R27K is versatile but excels in these areas:
1. **RF Impedance Matching:** Used in wireless communication devices to match antenna impedance.
2. **Signal Filtering:** Part of Low-Pass (LPF) or High-Pass (HPF) filters to remove noise from signals.
3. **Oscillators:** Acts as the inductive element in LC resonant circuits.
4. **Decoupling:** Prevents high-frequency noise from traveling through power supply lines to sensitive ICs.
---
- ⤷
What are the alternatives if a ±5% tolerance (J) is required instead of ±10% (K)?
- ⤷ How does the SRF (Self-Resonant Frequency) affect its performance in GHz range applications?
- ⤷ What is the difference between a ceramic core and a ferrite core version of this inductor?