AI

## Overview of the Murata PLT10HH Series
The **PLT10HH** is a series of high-performance, large-current **Common Mode Choke Coils** manufactured by Murata. These components are specifically designed for noise suppression in DC power lines, particularly in automotive and industrial applications where high reliability and high current handling are required.
### 1. Key Technical Specifications
| Parameter | Typical Value Range |
| :--- | :--- |
| **Common Mode Inductance** | 1.1µH to 20µH (at 10MHz) |
| **Rated Current** | 6A to 18A |
| **Rated Voltage** | 100Vdc |
| **Operating Temperature** | -55°C to +125°C |
| **DC Resistance (RDC)** | 1.5mΩ to 8.0mΩ (Max) |
| **Package Size** | 10.7 x 9.1 x 9.1 mm |
---
### 2. Core Functions and Features
* **Common Mode Noise Suppression:** Its primary role is to eliminate electromagnetic interference (EMI) that occurs in the same direction on both supply lines, while allowing the desired differential signals (current) to pass through.
* **High Current Capability:** Unlike standard surface-mount beads, the PLT10HH can handle up to **18A**, making it suitable for heavy-duty power supplies.
* **AEC-Q200 Compliance:** Most models in this series are automotive grade, meaning they are tested for high vibration, thermal shock, and mechanical stress.
* **Low DC Resistance:** The use of thick copper wire ensures minimal power loss and heat generation, which is critical for high-efficiency circuits.
---
### 3. Internal Structure and Design
The component consists of two coils wound around a single ferrite core.
* **Magnetic Material:** High-permeability ferrite.
* **Winding:** Precision winding to balance the two lines, ensuring that differential signals do not saturate the core.
* **Termination:** Large solder pads for robust mechanical attachment to the PCB to withstand vibrations.
---
### 4. Common Applications
The PLT10HH is typically found in the following environments:
1. **Automotive:** Power steering (EPS), LED headlamps, and Battery Management Systems (BMS).
2. **Industrial:** Large-scale motor drives and power converters.
3. **Computing:** High-power servers and base station power supplies.
---
### 5. Part Number Breakdown Example
`PLT10HH 401 100 PN`
* **PLT:** Series Name (Common Mode Choke Coil)
* **10:** Dimensions (approx 10mm)
* **HH:** Features/Type (High Current/Automotive)
* **401:** Impedance/Inductance Code (e.g., 400Ω at 10MHz)
* **100:** Rated Current (10.0 Amperes)
---
- ⤷
What is the difference between common mode and differential mode noise in the context of PLT10HH?
- ⤷ How does the PLT10HH compare to the PLT5BPH series?
- ⤷ What are the recommended PCB soldering footprints for this specific size?