PLL620-09OCL-R
AI

The **PLL620-09OCL-R** is a high-performance, low-power CMOS-based Phase-Locked Loop (PLL) frequency multiplier. It is specifically designed for high-speed clock generation in networking and communication systems.
---
### ## 1. Technical Specifications
The following table summarizes the key electrical and operational parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Microchip Technology (formerly PhaseLink) |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Input Frequency Range** | 10 MHz to 30 MHz (Crystal or Reference) |
| **Output Frequency Range** | Up to 120 MHz |
| **Supply Voltage (VDD)** | 3.3V ± 10% |
| **Output Type** | CMOS / TTL |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **Jitter (RMS)** | < 10ps (typical) |
---
### ## 2. Core Functional Blocks
The "Electronic Parts" within this IC work together to stabilize and multiply frequencies:
1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock with the feedback clock from the VCO.
2. **Charge Pump & Loop Filter:** Converts the phase error into a control voltage. The internal loop filter minimizes external component count.
3. **Voltage Controlled Oscillator (VCO):** Generates the actual output signal based on the control voltage provided by the charge pump.
4. **Frequency Multiplier/Dividers:** Internal logic that determines the multiplication factor (in the case of the -09 variant, it typically provides a 3x or 4x multiplication depending on configuration).
---
### ## 3. Pin Configuration (SOP-8)
Understanding the pins is crucial for PCB integration:
* **VDD / VSS:** Power supply and ground pins.
* **XIN / XOUT:** Connections for the reference crystal or an external reference clock.
* **CLKOUT:** The synchronized, high-frequency output signal.
* **OE (Output Enable):** A control pin to enable or disable the clock output for power saving or testing.
---
### ## 4. Key Features & Applications
* **Low Phase Noise:** Ideal for driving sensitive high-speed digital circuits.
* **Space Saving:** The integrated loop filter means you do not need external capacitors for the PLL loop.
* **Typical Uses:**
* Ethernet switches and routers.
* Fibre Channel devices.
* Set-top boxes and digital media players.
- ⤷
What are the specific crystal requirements for the PLL620-09OCL-R?
- ⤷ How does the Output Enable (OE) pin affect power consumption?
- ⤷ Is there a lead-free or RoHS compliant version of this part?