PLL602-38QCL-R
AI

The **PLL602-38QCL-R** is a high-performance, low-power integrated circuit (IC) primarily designed as a **Clock Generator / Frequency Multiplier**. It is commonly used in networking, storage, and communication systems to provide stable clock signals with low jitter.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Microchip Technology (formerly PhaseLink) |
| **Type** | Clock Generator / VCXO-based PLL |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Operating Voltage** | 2.5V or 3.3V |
| **Frequency Range** | Up to 800 MHz (depending on configuration) |
| **Package** | 16-Pin TSSOP / QFN (Application dependent) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Components
The "PLL" in the part number stands for **Phase-Locked Loop**, and its internal architecture consists of several key electronic sections:
* **Phase Frequency Detector (PFD):** Compares the phase of an input reference signal (usually from a crystal oscillator) with the feedback signal.
* **Voltage Controlled Oscillator (VCO):** Generates the high-frequency output signal. It adjusts its frequency based on the error voltage provided by the PFD and Loop Filter.
* **Low-Voltage PECL Drivers:** The output stage uses **LVPECL** logic, which is known for high speed and excellent noise immunity, making it ideal for differential clock distribution.
* **Power Management:** Optimized for low power consumption, reducing thermal overhead in dense PCB designs.
---
### 3. Application Use Cases
This component is typically found in the following electronic environments:
1. **Fiber Channel & Gigabit Ethernet:** Providing the high-speed heartbeat for data transmission.
2. **SONET/SDH:** Used in telecommunications for synchronous data transfer.
3. **Storage Area Networks (SAN):** Ensuring precise timing between servers and storage arrays.
---
### 4. Part Number Decoder
Understanding the suffix and prefix:
* **PLL602:** The base series/family.
* **38:** Specific configuration for multiplication/frequency range.
* **Q:** Often denotes a specific package type (e.g., QFN or TSSOP variant).
* **C:** Commercial/Industrial temperature rating.
* **L:** Lead-free/RoHS compliant.
* **-R:** Tape and Reel (packaging for automated assembly).
---
- ⤷
What are the specific jitter performance metrics for the PLL602-38QCL-R?
- ⤷ How does LVPECL logic differ from LVDS in clock applications?
- ⤷ What is the recommended crystal input frequency for this specific IC?