PLL601-02OC-R
AI

## Overview of the PLL601-02OC-R
The **PLL601-02OC-R** is a high-performance clock generator integrated circuit (IC) primarily designed for low-power, high-frequency clock distribution applications. It belongs to the Phase-Locked Loop (PLL) family of components produced by Microchip Technology (formerly PhaseLink).
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | PLL Clock Multiplier / Buffer |
| **Output Frequency** | Up to 160 MHz |
| **Input Frequency** | 10 MHz to 27 MHz (Crystal or Reference) |
| **Output Type** | CMOS / TTL |
| **Operating Voltage** | 3.3V (±10%) |
| **Operating Temperature** | 0°C to 70°C (Commercial) |
| **Package Type** | SOIC-8 (Small Outline Integrated Circuit) |
---
### Core Electronic Components & Functions
The internal architecture of the PLL601-02OC-R consists of several critical stages that manage timing and signal integrity:
1. **Phase-Frequency Detector (PFD):** Compares the phase of the input reference signal with the feedback signal from the internal oscillator.
2. **Charge Pump & Low Pass Filter (LPF):** Converts the phase difference into a control voltage to adjust the frequency.
3. **Voltage-Controlled Oscillator (VCO):** Generates the high-frequency output based on the control voltage.
4. **Frequency Dividers:** Internal scalers that allow the chip to multiply the input frequency (e.g., taking a 27MHz crystal and outputting 54MHz or 108MHz).
---
### Pin Configuration (SOIC-8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | XIN | Crystal Input or Reference Clock |
| 2 | XOUT | Crystal Output (Leave floating if using Ref Clock) |
| 3 | VDD | Power Supply (3.3V) |
| 4 | GND | Ground |
| 5 | CLK | Clock Output |
| 6 | S0 | Selection Control Bit 0 |
| 7 | S1 | Selection Control Bit 1 |
| 8 | OE | Output Enable (High = Active, Low = High-Z) |
---
### Applications
The PLL601-02OC-R is commonly used in hardware environments where stable, low-jitter timing is required:
* **Networking Hardware:** Routers, switches, and modems.
* **Consumer Electronics:** Digital TVs, STBs (Set-Top Boxes), and DVD players.
* **Computer Peripherals:** Printers and storage devices requiring specific clock multipliers.
---
### Implementation Example
When integrating this part into a circuit, the input crystal is usually connected between pins 1 and 2 with appropriate load capacitors ($C_L$).
```c
// Logic Table for S0/S1 Selection (Conceptual)
// S1 S0 | Multiplier Ratio
// 0 0 | Input x 1
// 0 1 | Input x 2
// 1 0 | Input x 4
// 1 1 | Input x 8 (Specific to model variants)
```
- ⤷
What is the maximum output jitter specification for this IC?
- ⤷ How do the S0 and S1 pins affect the output frequency specifically for the PLL601-02?
- ⤷ Can this part be used in automotive temperature range environments?