công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PLL520-09OC-R

  • AI
    The **PLL520-09OC-R** is a specialized high-performance integrated circuit (IC) designed primarily for clock generation and distribution. It is typically used in fiber optic networking, telecommunications, and high-speed data transmission systems. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specifications The PLL520-09OC-R is part of the Phase-Locked Loop (PLL) family of clock synthesizers, specifically optimized for low-jitter performance. | Parameter | Details | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) / PLL | | **Manufacturer** | PhaseLink (now part of Microsemi / Microchip) | | **Output Type** | PECL (Positive Emitter-Coupled Logic) | | **Package Type** | SOP-16 (Small Outline Package) | | **Supply Voltage** | 3.3V (Typical) | --- ### 2. Functional Electronic Blocks To understand how the IC works, we can break it down into its internal electronic sections: #### A. The Phase-Locked Loop (PLL) Core The "PLL" in the part number stands for the internal feedback loop that synchronizes the output frequency with an input reference. * **Phase Detector:** Compares the input frequency with the feedback frequency. * **Charge Pump:** Converts the phase difference into a voltage signal. * **Loop Filter:** Smooths the voltage to control the oscillator. #### B. VCXO (Voltage Controlled Crystal Oscillator) This part of the circuit allows the output frequency to be "pulled" or adjusted slightly by changing a control voltage ($V_C$). This is critical for synchronization in SDH/SONET networks. #### C. Differential Output Drivers (PECL) The device uses **PECL** outputs. This is a differential signaling standard that: * Reduces electromagnetic interference (EMI). * Provides high-speed switching capabilities. * Ensures signal integrity over longer PCB traces compared to standard CMOS. --- ### 3. Pin Configuration (Common SOP-16) While you should always consult the specific datasheet, the standard layout for this series includes: | Pin Category | Description | | :--- | :--- | | **VDD / VSS** | Power supply (3.3V) and Ground pins. | | **FIN / XIN** | Reference frequency input or Crystal connection. | | **VC** | Control Voltage input to adjust the output frequency. | | **Q / nQ** | Differential PECL outputs. | | **OE** | Output Enable (used to turn the output on or off). | --- ### 4. Key Application Use-Cases * **Optical Networking:** Used in OC-3, OC-12, and OC-48 modules. * **Jitter Attenuation:** Cleaning up "noisy" clock signals to ensure data accuracy. * **Frequency Translation:** Converting a local crystal frequency to a high-speed system clock. --- ### 5. Part Number Breakdown * **PLL520:** The base series identifier. * **-09:** Specific internal configuration (frequency multiplier/divider ratio). * **O:** Operating temperature range (usually Commercial, 0°C to +70°C). * **C:** Package code (SOP). * **-R:** Indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific jitter specifications for the PLL520-09OC-R?
    • ⤷ How does PECL logic compare to LVDS in clock distribution?
    • ⤷ What is the typical frequency range supported by this IC?