PL680-39OCL-R
AI

### PL680-39OCL-R Technical Analysis
The **PL680-39OCL-R** is a high-performance **Low Phase Noise Clock Multiplier IC** developed by Microchip Technology (formerly PhaseLink). It is specifically designed for high-frequency clock generation in networking and telecommunications equipment.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Clock Multiplier / Buffer |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Input Frequency** | 19 MHz to 40 MHz (Fundamental Crystal or Reference) |
| **Output Frequency** | Up to 640 MHz (depending on multiplication factor) |
| **Supply Voltage** | 2.5V or 3.3V |
| **Package** | TSSOP-16 |
| **Operating Temp** | 0°C to +70°C (Commercial Grade) |
| **Jitter Performance** | < 1ps RMS (Integrated from 12kHz to 20MHz) |
---
### 2. Functional Components
* **Phase-Locked Loop (PLL):** The core of the device, which locks onto the input reference frequency and multiplies it to a higher target frequency while maintaining low jitter.
* **LVPECL Output Driver:** Provides high-speed, differential signals suitable for long-distance PCB traces and high-frequency clocking.
* **Voltage Controlled Oscillator (VCO):** Internal high-speed oscillator tuned to minimize phase noise.
* **Output Enable (OE):** A control pin that allows the outputs to be disabled (high-impedance state) for power saving or testing.
---
### 3. Part Number Breakdown
Understanding the suffix is critical for procurement and design:
* **PL680-39:** The base part family (Low Jitter Multiplier).
* **O:** Package type (TSSOP - Thin Shrink Small Outline Package).
* **C:** Commercial temperature range ($0^{\circ}C$ to $70^{\circ}C$).
* **L:** Lead-free / RoHS compliant.
* **-R:** Tape and Reel packaging (standard for automated SMT assembly).
---
### 4. Typical Applications
1. **Fiber Channel & Ethernet:** Generating 156.25 MHz or 312.5 MHz clocks for 10GbE systems.
2. **SONET/SDH:** High-precision timing for optical networks.
3. **Storage Area Networks (SAN):** Low-latency clocking for data centers.
4. **CPU/FPGA Clocking:** Providing high-speed differential reference clocks to FPGAs or high-end processors.
---
### 5. Implementation Considerations
* **Termination:** As an LVPECL device, it requires specific termination resistors (typically 50 ohms to $V_{CC} - 2V$) to ensure signal integrity.
* **Decoupling:** High-speed PLLs are sensitive to power supply noise. It is recommended to use 0.1µF and 0.01µF bypass capacitors as close to the $V_{DD}$ pins as possible.
- ⤷
What are the specific termination resistor values needed for the LVPECL output at 3.3V?
- ⤷ How does the PL680-39OCL-R compare to LVDS output alternatives?
- ⤷ Can this IC be used with an external TCXO instead of a quartz crystal?