PL602-03HOC-R
AI

The **PL602-03HOC-R** is a high-performance, low-phase-noise clock generator/buffer integrated circuit (IC) developed by Microchip Technology (formerly PhaseLink). It is specifically designed to produce high-frequency outputs with minimal jitter, making it ideal for communication and networking applications.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Low Phase Noise Clock Generator |
| **Output Type** | CMOS / TTL |
| **Output Frequency** | Up to 100MHz |
| **Input Type** | Fundamental Crystal (10MHz - 30MHz) or Reference Clock |
| **Operating Voltage** | 2.5V to 3.3V (±10%) |
| **Operating Temperature** | 0°C to +70°C (Commercial) |
| **Package Type** | SOT23-6L |
| **Jitter Performance** | < 1ps RMS (typical) |
---
### 2. Functional Description
The PL602-03HOC-R acts as a **frequency multiplier**. It takes a relatively low-frequency input from a crystal or an external clock and utilizes an internal Phase-Locked Loop (PLL) to generate a higher-frequency output.
* **HOC Designation:** The "HOC" suffix usually indicates a specific multiplier configuration or performance grade (High Output CMOS).
* **Multiplier Logic:** This specific part typically functions as a **3x multiplier** (e.g., a 25MHz crystal input yields a 75MHz output).
* **Low Phase Noise:** It is engineered to keep the "noise floor" very low, which prevents data errors in high-speed serial communication.
---
### 3. Pin Configuration (SOT23-6L)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | XIN / CLK | Crystal input or reference clock input. |
| 2 | GND | Ground connection. |
| 3 | XOUT | Crystal output (leave floating if using an external clock). |
| 4 | CLKOUT | The synthesized high-frequency output signal. |
| 5 | VDD | Power supply (2.5V or 3.3V). |
| 6 | OE / PDB | Output Enable or Power Down (logic dependent). |
---
### 4. Common Applications
* **Networking:** Used in Gigabit Ethernet and Fibre Channel switches.
* **Storage:** SAS/SATA host bus adapters.
* **Consumer Electronics:** High-definition video equipment requiring precise timing.
* **FPGA Clocking:** Providing stable reference clocks to FPGA or CPLD logic.
---
### 5. Part Number Breakdown
* **PL602:** Product Series (Low Phase Noise PLL).
* **-03:** Specific Configuration/Multiplier variant.
* **H:** High-speed CMOS output.
* **O:** Operating temperature range (Commercial).
* **C:** Package code (SOT23).
* **-R:** Tape and Reel packaging.
- ⤷
What is the exact multiplication factor for the PL602-03 variant?
- ⤷ Can this IC be used with an external oscillator instead of a crystal?
- ⤷ What are the recommended load capacitor values for the crystal interface?