PL580-37OC-R
AI

The **PL580-37OC-R** is a high-performance Phase Locked Loop (PLL) based clock generator manufactured by Microchip Technology (formerly PhaseLink). It is specifically designed for high-frequency low-jitter clock distribution in telecommunications and networking hardware.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | VCXO (Voltage Controlled Crystal Oscillator) IC / Clock Generator |
| **Output Frequency Range** | Up to 640MHz (Differential) |
| **Output Logic** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Input Frequency** | 17MHz to 36MHz (Crystal or Reference Clock) |
| **Supply Voltage (VDD)** | 2.5V or 3.3V |
| **Jitter Performance** | < 0.5ps RMS (12kHz to 20MHz) |
| **Package** | 16-Pin TSSOP |
---
### 2. Core Functional Components
The internal architecture of the PL580-37OC-R consists of several critical stages:
1. **Reference Input / Crystal Oscillator:** It accepts a fundamental mode crystal or an external reference clock. This serves as the stable timebase for the internal synthesis.
2. **Phase Locked Loop (PLL):** The heart of the chip. It multiplies the input frequency to a high-frequency internal VCO (Voltage Controlled Oscillator).
3. **Frequency Dividers:** The device uses internal dividers to step down the high-speed VCO frequency to the desired output frequency range (multiples of the input).
4. **LVPECL Output Driver:** The output stage converts the internal signal into a differential LVPECL signal, which is standard for high-speed data transmission due to its high noise immunity and fast switching speeds.
---
### 3. Part Number Breakdown (PL580-37OC-R)
* **PL580:** The base series identifier for high-performance clock ICs.
* **-37:** Represents the specific internal configuration and multiplication ratio.
* **O:** Temperature Range (Commercial: 0°C to +70°C).
* **C:** Package code (TSSOP-16).
* **-R:** Indicates "Tape and Reel" packaging for automated assembly.
---
### 4. Application Use-Cases
Because of its low-jitter characteristics and LVPECL output, this component is typically found in:
* **SONET/SDH/ATM:** Fiber optic telecommunication systems.
* **Ethernet Switches:** High-speed networking gear (1G, 10G, 40G).
* **Fibre Channel:** Storage area networks.
* **FPGA Clocking:** Providing high-stability reference clocks to high-end FPGAs.
---
### 5. Implementation Example (Schematic Logic)
```c
// Typical Signal Path Connectivity
[Crystal 25MHz] --> [PL580 Pins: XIN/XOUT]
[V-Control] --> [PL580 Pin: VIN] (For frequency tuning)
[Output Pins] --> [100 Ohm Differential Termination] --> [FPGA/ASIC]
```
- ⤷What are the specific termination requirements for the LVPECL output of this chip?
- ⤷ How does the VIN pin allow for frequency tuning in this VCXO?
- ⤷ What is the difference between the PL580-37 and the PL580-38 variants?