PIC10040-R68M
AI

The **PIC10040-R68M** is a high-current, shielded power inductor typically used in DC-DC converter applications. It belongs to a category of surface-mount devices (SMD) designed for high-density power electronics.
---
### 1. Technical Specifications
The part number follows a standard naming convention for molded power inductors. Below are the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 10040 (Approx. 11.5 x 10.3 x 4.0 mm) |
| **DC Resistance (DCR)** | Very Low (typically < 3.0 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (typically 25A - 35A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (Molded Construction) |
---
### 2. Key Features
* **Molded Construction:** The coil is encapsulated in a metal powder composite. This provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) and audible noise (buzzing).
* **High Saturation:** Unlike ferrite core inductors, these molded types have a "soft" saturation characteristic, meaning they don't lose inductance abruptly when current spikes occur.
* **Low Profile:** The "40" in the name indicates a maximum height of approximately 4.0mm, making it suitable for compact circuit boards.
* **High Efficiency:** The low DCR minimizes power loss due to heat, which is critical for high-efficiency power supplies.
---
### 3. Application Use Cases
This specific inductor (0.68µH) is usually found in the output stage of switching regulators:
1. **Point of Load (POL) Converters:** Used in motherboards and GPU power phases to step down voltage for CPUs.
2. **DC-DC Modules:** High-frequency buck converters where fast transient response is required.
3. **Battery Powered Devices:** Where high efficiency and small footprint are prioritized.
4. **Automotive Electronics:** Infotainment systems and ADAS modules (if AEC-Q200 qualified).
---
### 4. Part Number Breakdown
The nomenclature is generally decoded as follows:
* **PIC:** Series prefix (Power Inductor Composite).
* **10040:** Dimensions (10mm x 10mm footprint, 4.0mm height).
* **R68:** Inductance value ($0.68$ microhenries).
* **M:** Tolerance ($\pm 20\%$).
- ⤷
What are the equivalent alternatives from brands like Coilcraft or Vishay?
- ⤷ How does the 'soft saturation' of this inductor compare to traditional ferrite cores?
- ⤷ What is the maximum frequency range recommended for the PIC10040-R68M?