công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PIC04020-R47M

  • AI
    The **PIC04020-R47M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It is designed for compact electronics requiring high efficiency and low electromagnetic interference (EMI). --- ### 1. Part Number Breakdown The nomenclature typically follows these industry standards: | Component Segment | Value | Meaning | | :--- | :--- | :--- | | **Series Prefix** | PIC | Power Inductor (Shielded/Molded) | | **Dimensions** | 04020 | Approx. 4.0mm x 4.0mm x 2.0mm | | **Inductance Value** | R47 | 0.47 µH (Microhenries) | | **Tolerance** | M | ±20% | --- ### 2. Technical Specifications While specific manufacturer datasheets (like Cyntec or similar clones) may vary slightly, the standard specifications for a 04020 R47M inductor are as follows: * **Inductance:** 0.47 µH * **DC Resistance (DCR):** Typically 5.0mΩ – 9.0mΩ (Very low to minimize power loss). * **Saturation Current ($I_{sat}$):** Typically 10A – 14A (The point where inductance drops by 30%). * **Heat Rating Current ($I_{rms}$):** Typically 8A – 11A (Based on a 40°C temperature rise). * **Operating Temperature:** -55°C to +125°C. --- ### 3. Key Physical Features * **Molded Construction:** The coil is embedded in a metal iron powder composite. This provides "soft" saturation characteristics (it doesn't lose inductance suddenly). * **Magnetic Shielding:** The molded body acts as a shield, reducing EMI leakage to surrounding components. * **Lead-Free/RoHS:** Compliant with modern environmental standards. --- ### 4. Common Applications This part is frequently found in: 1. **Voltage Regulator Modules (VRM):** For CPUs and GPUs. 2. **Point of Load (POL) Converters:** Converting battery voltage to low-voltage rails (1.8V, 1.2V). 3. **Smartphones and Tablets:** High-density power management circuits. 4. **SSD Drives:** Powering NAND flash controllers. --- ### 5. Example Footprint (Generic) ```markdown Top View: __________ | | | [R47] | ~4.4mm (Length) |__________| 4.0mm (Width) Side View: __________ [__________] ~2.0mm (Height) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ How does the molded construction compare to wire-wound shielded inductors?
    • ⤷ Can I replace an R47M with a 1R0M in a power circuit?