công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PI13038-R10M

  • AI
    The **PI13038-R10M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "Molded Power Inductors," known for their compact size and excellent magnetic shielding. ### 1. Key Technical Specifications The part number follows a standard naming convention for electronic components. Here is the breakdown of its primary electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (R10) | The nominal inductance value. | | **Tolerance** | ±20% (M) | The allowable variance from the nominal value. | | **DC Resistance (DCR)** | ~0.5 - 0.9 mΩ | Typical resistance of the internal copper winding. | | **Saturation Current ($I_{sat}$)** | ~50A - 75A | The current level where inductance drops by 20-30%. | | **Heating Current ($I_{rms}$)** | ~30A - 50A | The continuous current that causes a 40°C temperature rise. | | **Package Size** | 13.5 x 12.6 x 3.5 mm | Based on the "13038" series designation. | --- ### 2. Component Construction The PI13038-R10M is engineered to handle extreme power density through specific manufacturing techniques: * **Molded Structure:** The inductor coil is placed inside a mold and pressed with metallic magnetic powder (usually an iron alloy). This creates a "shielded" structure that minimizes Electromagnetic Interference (EMI). * **Low Core Loss:** The composite powder material is designed to maintain high efficiency even at high switching frequencies (up to several MHz). * **Flat Wire Technology:** Many inductors in this class use flat copper wire instead of round wire to increase the surface area, reducing the "Skin Effect" and lowering DC resistance. --- ### 3. Common Applications Due to its very low inductance (0.10 µH) and extremely high current handling, this part is typically found in: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards. 2. **High-Current DC-DC Converters:** Point-of-Load (PoL) converters for servers and networking hardware. 3. **Battery Powered Systems:** High-efficiency power management for portable industrial tools. 4. **Automotive Electronics:** Infotainment and ADAS systems where space is limited but current demand is high. --- ### 4. Comparison with Standard Inductors Compared to traditional ferrite drum core inductors, the PI13038-R10M offers: * **Higher Saturation:** It does not "hard saturate," meaning it loses inductance gradually rather than suddenly failing under load. * **Acoustic Quietness:** The molded construction reduces audible buzzing (magnetostriction) under heavy loads. * **Physical Durability:** The solid molded body is highly resistant to shock and vibration.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the PI13038-R10M from other manufacturers?
    • ⤷ How does the temperature affect the saturation current of this molded inductor?
    • ⤷ What is the recommended soldering profile for this specific SMD package?