AI

The **PI07030Q1-R20M** is a high-current, shielded surface-mount (SMD) power inductor. This component is typically used in DC-DC converters and power management modules where high efficiency and low electromagnetic interference (EMI) are required.
---
### 1. Part Number Breakdown
While naming conventions can vary slightly by manufacturer (often associated with brands like **PROLOGIC** or **Chilisin**), the code generally breaks down as follows:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PI** | Series Code | Power Inductor (Molded type) |
| **07030** | Dimensions | Approx. 7.0mm x 7.0mm (Length x Width), 3.0mm Height |
| **Q1** | Qualification | Often denotes Automotive Grade (AEC-Q200) |
| **R20** | Inductance Value | **0.20 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** |
---
### 2. Technical Specifications
The PI07030 series is known for its "Molded" construction, which uses metal iron powder. This design allows for better performance in compact spaces.
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 0.20 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | Very Low (typically < 2.0 mΩ) |
| **Saturation Current (Isat)** | High (typically 20A - 35A range) |
| **Operating Temperature** | -55°C to +125°C (standard for Q1) |
| **Construction** | Shielded, Composite Magnetic Powder |
---
### 3. Key Features
* **High Saturation Current:** Because it uses a metal alloy core, it can handle high current spikes without the inductance dropping off sharply (soft saturation).
* **Low DCR:** The use of thick copper wire reduces power loss through heat (I²R losses).
* **Shielded Design:** The molded body acts as a natural shield, minimizing magnetic flux leakage and reducing EMI.
* **AEC-Q200 Compliant:** The "Q1" designation indicates it is tested for high-reliability environments, such as automotive electronics.
---
### 4. Typical Applications
This specific inductor (0.20 µH) is a low-inductance, high-current part, making it ideal for:
1. **High-Frequency DC-DC Converters:** Used in VRMs (Voltage Regulator Modules) for CPUs and GPUs.
2. **Automotive Electronics:** Infotainment systems, LED lighting drivers, and ECU power supplies.
3. **Battery Powered Devices:** Efficient power stages for tablets or industrial handhelds.
---
- ⤷
What are the equivalent alternative parts for the PI07030Q1-R20M from brands like Vishay or Coilcraft?
- ⤷ How does the 'Saturation Current' affect the performance of this inductor in a circuit?
- ⤷ Can this inductor be used in high-temperature engine compartment applications?