AI

The **PI07024Q1-R10M** is a high-performance **Power Inductor**, typically utilized in DC-DC converter applications and power management modules. This specific part belongs to a class of surface-mount (SMD) power inductors designed for high current density and efficiency.
---
### 1. Technical Specifications
The part number can be broken down to understand its core electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.10 µH (R10) | Low inductance for high-frequency switching. |
| **Tolerance** | ±20% (M) | Standard industry tolerance for power inductors. |
| **Package Size** | 07024 (approx. 7x7 mm) | Physical footprint (Length x Width). |
| **Core Material** | Metal Alloy / Carbonyl Powder | Provides high saturation current and low EMI. |
| **Shielding** | Shielded Construction | Minimizes magnetic interference with other parts. |
---
### 2. Key Features
* **High Saturation Current ($I_{sat}$):** Designed to maintain inductance even when high levels of current pass through, preventing core saturation.
* **Low DCR (DC Resistance):** Uses flat wire or optimized copper windings to reduce power loss through heat (Joule heating).
* **AEC-Q200 Qualified:** The "Q1" in the suffix often indicates automotive grade, meaning it is tested for high vibration, thermal shock, and mechanical stress.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, this metal alloy core offers a gradual drop in inductance.
---
### 3. Application Use Cases
This component is typically found in the following electronic environments:
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs where high current and fast transient responses are required.
2. **Automotive Electronics:** Powering Infotainment systems, ADAS sensors, and LED lighting drivers.
3. **Point of Load (PoL) Converters:** Step-down (Buck) converters converting 12V or 5V rails to lower voltages (1.8V, 1.2V, etc.).
---
### 4. Circuit Representation
In a standard Buck Converter schematic, the PI07024Q1-R10M acts as the energy storage element:
```spice
* Typical Buck Converter Placement
Vin ---- [Switching MOSFET] ----+---- [PI07024Q1-R10M] ---- Vout
| |
[Diode/Sync] [Capacitor]
| |
GND GND
```
---
- ⤷What is the maximum current rating (Irms) for the PI07024Q1 series?
- ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
- ⤷ What are the common alternatives or equivalents for this specific part number?