công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PI07018Q1-R82M

  • AI
    The **PI07018Q1-R82M** is a high-current, shielded power inductor typically used in automotive and industrial power management applications. It belongs to the family of molded power inductors designed for high-density DC-DC converters. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% (M) | | **DCR (DC Resistance)** | ~3.0 - 4.5 mΩ (Nominal/Max) | | **Saturation Current ($I_{sat}$)** | ~25A - 30A (Typical) | | **Heating Current ($I_{rms}$)** | ~18A - 22A (Typical) | | **Operating Temperature** | -55°C to +125°C or +155°C | | **Dimensions** | Approx. 7.3 x 6.6 x 1.8 mm (Package size 07018) | --- ## 2. Key Features and Construction The PI07018Q1-R82M is engineered for performance in harsh environments: * **Molded Construction:** The coil is encapsulated in a metal alloy powder core. This provides superior magnetic shielding to reduce Electromagnetic Interference (EMI). * **Low Profile:** The "18" in the part number often denotes a height of approximately 1.8mm, making it ideal for thin electronic assemblies. * **High Current Handling:** Due to the metal powder core, it handles high transient current spikes without hard saturation (the inductance drops gracefully). * **AEC-Q200 Qualified:** The "Q1" in the part number typically signifies automotive-grade reliability, meaning it can withstand high vibration and thermal cycling. --- ## 3. Part Number Breakdown (Typical Nomenclature) While manufacturers vary slightly, the code generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **PI** | Series Identifier (Power Inductor / Integrated) | | **07018** | Case Size (L: 7mm, W: 7mm, H: 1.8mm) | | **Q1** | Quality Grade (AEC-Q200 Automotive Grade) | | **R82** | Inductance Value (R82 = 0.82 µH) | | **M** | Tolerance (M = ±20%) | --- ## 4. Common Applications This inductor is primarily used in **Voltage Regulator Modules (VRM)** and **DC-DC Buck Converters** for: * **Automotive Electronics:** ADAS cameras, Infotainment systems, and ECU power supplies. * **Computing:** High-efficiency power supplies for distributed power systems. * **Industrial:** Point-of-Load (POL) converters for high-current FPGAs and processors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for this inductor?
    • ⤷ How does the saturation current change at high temperatures?
    • ⤷ What are the recommended PCB layout tips for minimizing EMI with this part?