công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PHA200-F200-R2

  • AI
    ## Electronic Components and Technical Profile: PHA200-F200-R2 The **PHA200-F200-R2** is a specialized photoelectric sensor developed by Pepperl+Fuchs, primarily designed for **high-precision positioning** in automated storage and retrieval systems (ASRS). It utilizes a camera-based system to detect circular holes in rack structures. --- ### 1. Key Electronic Specifications The following table outlines the core electrical characteristics of the device: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Operating Voltage** | 24 V DC (+/- 20%) | Standard industrial power supply. | | **Current Consumption** | Max. 250 mA | Typical load during operation. | | **Interface Type** | RS 232 | Used for parameterization and data output. | | **Switching Output** | PNP, Short-circuit protected | 3 Outputs (e.g., Position OK, Error). | | **Pulse Frequency** | 10 Hz | Refresh rate for position data. | | **Light Source** | Infrared LED (850 nm) | Used for illumination of the target area. | --- ### 2. Functional Electronic Components The device integrates several high-level electronic modules to perform real-time image processing: * **Integrated CMOS Camera:** Unlike standard photoeyes, this unit contains a digital image sensor that captures the visual field to identify hole patterns. * **Digital Signal Processor (DSP):** The "brain" of the unit, which runs edge-detection algorithms to calculate the X and Y offsets relative to the center of the detected hole. * **LED Illumination Array:** Built-in infrared LEDs ensure the camera has consistent lighting, regardless of ambient warehouse conditions. * **I/O Logic Layer:** Manages the three PNP outputs. These are typically configured to signal: 1. **X-Axis Alignment:** Target is centered horizontally. 2. **Y-Axis Alignment:** Target is centered vertically. 3. **Operation/Error:** Device status or target not found. --- ### 3. Connection Pinout (M12 Connector) The sensor typically utilizes an 8-pin M12 male connector. The electronic wiring is generally categorized as follows: 1. **Power:** +24V and 0V (GND). 2. **Inputs:** Trigger inputs to start/stop the evaluation. 3. **Outputs:** PNP signals for "Position reached." 4. **Communication:** Receive (RX) and Transmit (TX) lines for the RS 232 interface. --- ### 4. Operational Logic The electronic system operates on a **closed-loop feedback principle**: 1. The **Emitter** sends IR light. 2. The **CMOS Sensor** captures the reflection from the rack. 3. The **Internal Controller** calculates the deviation (in millimeters) from the setpoint. 4. The **RS 232 Interface** transmits the exact coordinate data to the PLC, while the **PNP Outputs** provide immediate hardware signals for fast stop-commands.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range (read distance) for the PHA200-F200-R2?
    • ⤷ How do you configure the sensor parameters via the RS 232 interface?
    • ⤷ Can this sensor detect non-circular shapes for positioning?