công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PFS7523LSLASHH

  • AI
    The **PFS7523L** and **PFS7523H** belong to the **HiperPFS-3** family of Power Factor Correction (PFC) controllers developed by Power Integrations. These ICs are highly integrated, combining a PFC controller, gate driver, and a high-voltage power MOSFET into a single package. --- ### 1. Key Technical Specifications The "L" and "H" suffixes typically refer to the package style or specific power rating optimizations (Low/High power variants or thermal handling). | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 90 VAC to 264 VAC (Universal) | | **Output Power (Peak)** | Up to 110W (Full range) / 120W (High line) | | **Topology** | Continuous Conduction Mode (CCM) | | **Package** | eSIP-7 (L-Type) or ePower (H-Type) | | **Efficiency** | >95% from 10% to 100% load | --- ### 2. Functional Components The internal architecture of the PFS7523 includes several critical electronic stages: #### A. Power MOSFET The device integrates a **600V power MOSFET**. This reduces the number of external components and simplifies PCB layout, as the high-speed switching node is contained within the IC. #### B. Variable Frequency CCM Controller Unlike traditional fixed-frequency controllers, the HiperPFS-3 uses a variable frequency engine. This provides several benefits: * **Reduced EMI:** The frequency "spreads" the noise spectrum. * **Smaller Magnetics:** Allows for the use of smaller boost inductors. #### C. Protection Circuitry The IC includes robust internal protection features to ensure long-term reliability: * **UVLO/OVLO:** Under-voltage and Over-voltage lockout for the input. * **OTP:** Hysteretic thermal shutdown. * **Cycle-by-cycle Current Limit:** Protects the MOSFET from saturation. --- ### 3. Pin Configuration (eSIP-7 Package) The PFS7523 utilizes a simplified pinout to minimize external complexity: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Supply voltage for internal logic and gate driver. | | 2 | **FB** | Feedback pin for output voltage regulation. | | 3 | **REF** | Reference pin (usually connected to a precision resistor). | | 4 | **V** | Input voltage sense (Line monitor). | | 5 | **G** | Ground connection. | | 6 | **D** | Drain of the internal power MOSFET. | | 7 | **S** | Source of the internal power MOSFET. | --- ### 4. Application Benefits * **Space Saving:** High integration eliminates the need for an external current sense resistor and external MOSFET. * **Low Standby Power:** Consumes very little power during "no-load" or "light-load" conditions, helping designs meet "Green" standards (like Energy Star). * **Simplified Design:** Power Integrations provides the *PI Expert* software to automate the transformer/inductor design and component selection for this specific IC. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'L' and 'H' package variants in the HiperPFS-3 series?
    • ⤷ Can the PFS7523 be used in a fanless power supply design?
    • ⤷ What is the recommended boost inductor value for a 100W application using this IC?