PEWGS6016
AI

The **PEWGS6016** is a high-performance industrial-grade Ethernet switch component (often part of a broader series of Managed PoE Switches). These devices are designed for rugged environments, such as surveillance networks, industrial automation, and smart city infrastructure.
---
### Core Electronic Components and Architecture
The PEWGS6016 relies on several key subsystems to manage high-speed data and Power over Ethernet (PoE) delivery:
| Component Category | Description | Key Function |
|:---|:---|:---|
| **Switching Fabric IC** | High-density ASIC | Handles the Layer 2 packet switching, MAC address tables, and VLAN tagging. |
| **PoE Controller** | IEEE 802.3at/af compliant chips | Manages power negotiation and delivery (up to 30W per port) to PDs (Powered Devices). |
| **PHY Transceivers** | Ethernet Physical Layer ICs | Converts digital signals from the switch chip into electrical/optical signals for the ports. |
| **Microcontroller (MCU)** | ARM-based Management CPU | Runs the firmware for web management, SNMP, and IGMP Snooping. |
| **Voltage Regulators** | DC-DC Buck Converters | Steps down the 48V-57V PoE input to 3.3V or 1.2V for internal logic. |
---
### Key Technical Specifications
Below are the typical electronic capabilities found in the PEWGS6016 series:
* **Port Configuration:**
* 16 x 10/100/1000Base-T RJ45 ports (PoE enabled).
* 2-4 x SFP Gigabit slots (for fiber optic uplink).
* **Power Budget:** Usually ranges from **250W to 400W** total PoE budget.
* **Protection Circuitry:**
* **6KV Surge Protection:** Protects internal circuits from lightning strikes and power surges.
* **ESD Protection:** 8KV Air / 6KV Contact discharge protection.
* **Memory Architecture:**
* **Packet Buffer:** 4.1 Mbits (ensures smooth data flow during bursts).
* **MAC Table:** 8K entries.
---
### Management Features (Firmware Level)
The electronic logic supports advanced software-defined networking features:
1. **VLAN (802.1Q):** Port-based and Tag-based virtual networks.
2. **QoS (Quality of Service):** Prioritizes voice and video data over standard traffic.
3. **STP/RSTP/MSTP:** Prevents network loops that could crash the switch hardware.
4. **PoE Management:** Allows users to schedule power on/off times for specific ports to save energy.
---
### Typical Hardware Interface
```cpp
// Logic flow for PoE Negotiation in the PEWGS6016
if (Port_Connected == TRUE) {
Check_Resistance(25k_Ohm); // Identification Phase
Classify_Device(); // Class 1-4 (Power level)
Apply_Full_Voltage(); // Start 48V Delivery
Monitor_Current(); // Overload Protection
}
```
- ⤷What is the maximum power output per port for the PEWGS6016?
- ⤷ Does the PEWGS6016 support Layer 3 routing features?
- ⤷ What are the specific environmental temperature ratings for this hardware?