công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PECO2-X-4805Z21LF

  • AI
    The **PECO2-X-4805Z21LF** is a specialized DC-DC converter module typically used in industrial and telecommunications applications. It is designed to convert a high-range DC input voltage into a stable, low-voltage DC output. --- ### 1. Technical Specifications The part number indicates specific electrical characteristics. Below is a breakdown of the typical specifications for this series: | Parameter | Value/Description | | :--- | :--- | | **Input Voltage Range** | Wide 4:1 Input (typically 18V – 75V DC) | | **Output Voltage** | 5.0V DC | | **Output Current** | 400mA | | **Power Rating** | 2 Watts | | **Package Type** | SIP-8 (Single In-line Package) | | **Isolation Voltage** | 1500V DC - 3000V DC (Model dependent) | | **Efficiency** | Up to 82% | --- ### 2. Key Features * **Wide Input Range:** The "48" in the part number usually refers to a nominal 48V input, but the "Z" designation indicates a 4:1 ultra-wide input range, allowing it to handle fluctuations between 18V and 75V. * **Regulated Output:** Unlike unregulated converters, this part maintains a steady 5V output regardless of load changes or input voltage swings. * **Protection Mechanisms:** * Continuous Short Circuit Protection (SCP). * Over-current protection. * **RoHS Compliant:** The "LF" suffix stands for **Lead-Free**, indicating compliance with environmental safety standards. --- ### 3. Pinout Configuration (SIP-8) In a standard SIP-8 footprint for this type of converter, the pin functions are generally assigned as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | -Vin | Negative Input Voltage | | **2** | +Vin | Positive Input Voltage | | **3** | CTRL | Remote On/Off (Optional/Model dependent) | | **5** | NC | No Connection | | **6** | +Vout | Positive Output Voltage | | **7** | -Vout | Negative Output Voltage | | **8** | CS | Case Connection (if applicable) | --- ### 4. Common Applications * **Distributed Power Architectures:** Providing local 5V logic power from a 48V telecom bus. * **Industrial Controls:** Powering sensors and microcontrollers in environments with noisy or unstable DC supplies. * **Data Communications:** Powering isolated interface ports (RS-485, CAN bus). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PECO2-X-4805Z21LF?
    • ⤷ How does the 4:1 input ratio compare to a standard 2:1 ratio in DC-DC converters?
    • ⤷ Are there specific decoupling capacitors recommended for the input/output pins?