PECO2-X-2405Z21LF
AI

The **PECO2-X-2405Z21LF** is a high-performance **DC-DC Converter** manufactured by Power-One (now part of Bel Power Solutions). It is designed to provide isolation and voltage regulation in compact industrial or communication applications.
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 36V DC (24V Nominal) |
| **Output Voltage** | 5V DC |
| **Output Current** | 400 mA (Max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 1.5 kV DC (Input to Output) |
| **Package Style** | SIP (Single In-line Package) |
| **Efficiency** | ~75% - 80% (Typical) |
---
### 2. Electronic Component Breakdown
This device is an integrated module rather than a discrete component. Internally, it consists of several sub-blocks:
* **Switching Controller:** High-frequency PWM (Pulse Width Modulation) circuitry that converts the DC input into a high-frequency AC signal.
* **Isolation Transformer:** A miniature ferrite-core transformer that provides the "Z" (Isolation) characteristic, preventing electrical noise or ground loops between the input and output.
* **Rectification & Filtering:** High-speed Schottky diodes and ceramic capacitors (MLCCs) that convert the AC back to a stable 5V DC output with low ripple.
* **Protection Circuitry:** Internal short-circuit protection and thermal management to prevent damage during fault conditions.
---
### 3. Pinout Configuration
Typically, for the SIP-7 package used in this series, the pins are arranged as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **-Vin** | Negative Input Voltage (Ground) |
| 2 | **+Vin** | Positive Input Voltage (18-36V) |
| 4 | **+Vout** | Positive Output Voltage (5V) |
| 6 | **-Vout** | Negative Output Voltage (0V) |
---
### 4. Applications
Because of its small footprint and isolation properties, it is commonly used for:
* **Sensor Power:** Providing clean power to sensors in electrically noisy industrial environments.
* **Ground Loop Elimination:** Breaking ground loops in RS-485 or CAN bus communication interfaces.
* **Digital Logic:** Powering 5V microcontrollers from 24V industrial rails.
- ⤷
What are the thermal derating requirements for this module?
- ⤷ Can this part be used in parallel to increase output current?
- ⤷ What is the specific meaning of the 'LF' suffix in the part number?