công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PECO2-X-0509Z21LF

  • AI
    The **PECO2-X-0509Z21LF** is a high-performance **Isolated DC-DC Converter** module, typically manufactured by companies like PowerMate or similar industrial power solution providers. It is designed to convert a 5V DC input into a regulated 9V DC output, providing electrical isolation between the input and output stages. --- ### ## Technical Specifications Below are the primary electronic characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 5V DC | | **Input Voltage Range** | 4.5V – 5.5V DC | | **Output Voltage** | 9V DC | | **Output Current** | ~222mA (approximate for 2W rating) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000V DC to 3000V DC (Model dependent) | | **Package Type** | SIP (Single In-line Package) or DIP | | **RoHS Status** | LF (Lead-Free / Compliant) | --- ### ### Internal Electronic Components The device functions as a miniaturized switching power supply. Internally, it consists of several key stages: 1. **Switching Controller:** An integrated circuit (IC) that converts the DC input into a high-frequency AC signal. 2. **Transformer:** A micro-transformer provides the "Galvanic Isolation," ensuring no direct electrical path exists between the 5V and 9V sides. 3. **Rectification & Filtering:** High-speed Schottky diodes and ceramic capacitors convert the AC back to a stable 9V DC and smooth out ripple noise. 4. **Feedback Loop:** Some variants include a zener diode or optocoupler to maintain voltage regulation despite changes in load. --- ### ### Key Features and Applications * **Noise Reduction:** By isolating the output, it prevents ground loops and reduces electromagnetic interference (EMI) in sensitive analog circuits. * **Safety Isolation:** Protects the primary controller (like a Microcontroller or PLC) from high-voltage spikes occurring on the output side. * **Voltage Boosting:** Specifically designed for systems where a 5V rail is available but a 9V rail is required for sensors or operational amplifiers. **Common Applications:** * Industrial automation interfaces. * RS-232/RS-485 digital communication isolation. * Medical equipment (where patient isolation is critical). * Distributed power architectures. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the PECO2-X-0509Z21LF?
    • ⤷ What is the maximum efficiency percentage for this 2W converter?
    • ⤷ Can this module be used for medical-grade isolation applications?