công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PECO2-X-0509E21LF

  • AI
    The **PECO2-X-0509E21LF** is a specialized DC-DC converter module, typically designed for high-density power applications. This part is part of a series often used in telecommunications or industrial automation where localized power regulation is required. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Below are the primary electronic characteristics associated with this component type: | Parameter | Specification (Typical) | |:---|:---| | **Input Voltage Range** | 4.5V – 5.5V DC (Nominal 5V) | | **Output Voltage** | 9V DC | | **Power Rating** | ~2 Watts | | **Isolation** | 1000V DC to 3000V DC (Varies by sub-series) | | **Package Type** | SIP (Single In-line Package) or DIP | | **Efficiency** | 75% – 82% | --- ## 2. Component Breakdown The internal electronic architecture of this module consists of several key stages: ### A. Input Filter Used to reduce reflected ripple current. It usually consists of a small ceramic capacitor or a pi-filter to prevent high-frequency noise from feeding back into the main power rail. ### B. Switching Controller (PWM) The "brain" of the module. It converts the DC input into a high-frequency square wave. This allows for the use of a very small transformer to step up or step down the voltage. ### C. Transformer (Isolation Barrier) The **"E21"** designation often refers to specific isolation ratings. The transformer provides galvanic isolation, meaning there is no direct electrical path between the input and output, protecting sensitive downstream components from surges. ### D. Rectification & Output Smoothing The high-frequency AC from the transformer is converted back to DC using Schottky diodes and smoothed via output capacitors to ensure a steady 9V signal. --- ## 3. Key Features & Applications * **Galvanic Isolation:** Protects against ground loops and reduces noise in sensitive analog circuits. * **Short Circuit Protection:** Most "LF" (Lead-Free/RoHS compliant) versions include basic thermal or short-circuit protection. * **Compact Footprint:** Designed for PCB mounting where space is a premium. **Common Uses:** 1. **Industrial Sensors:** Providing isolated power to 4-20mA loops. 2. **Communication Ports:** Powering RS-485 or CAN bus interfaces to prevent data corruption from ground offsets. 3. **Medical Equipment:** Providing isolated auxiliary power. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PECO2 series?
    • ⤷ How does the 'LF' suffix impact the soldering process for this component?
    • ⤷ Can this module be used in a parallel configuration to increase output current?