công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PECO2-X-0505Z21LF

  • AI
    The **PECO2-X-0505Z21LF** is a high-performance, miniature DC-DC converter module, typically designed for industrial or telecommunications applications where space-saving and high isolation are required. --- ### 1. General Specifications This component belongs to a class of isolated power modules. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Nominal) | | **Output Voltage** | 5V DC | | **Power Rating** | 1 Watt (Typical for PECO2-X series) | | **Isolation Voltage** | Up to 1kV - 3kV DC (Model dependent) | | **Package Type** | SIP (Single In-line Package) or DIP | | **Efficiency** | ~75% to 82% | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a specific nomenclature common in power electronics: * **PECO2**: Product Series (High isolation, unregulated/regulated DC-DC converter). * **05**: Input Voltage (5V). * **05**: Output Voltage (5V). * **Z**: Specific internal design/regulation characteristics. * **LF**: Lead-Free (RoHS Compliant). --- ### 3. Key Electronic Features * **Galvanic Isolation:** It provides a physical and electrical barrier between the input and output circuits. This protects sensitive microcontrollers from noise or surges occurring on the power rail. * **Unregulated Output:** Typically, these modules provide a fixed output based on the input. If the input fluctuates, the output may vary slightly. * **Short Circuit Protection:** Most modern variants include basic protection to prevent the module from burning out during a fault. * **Miniature Footprint:** Designed for PCB mounting where vertical space is prioritized over horizontal area. --- ### 4. Typical Applications 1. **Industrial Control Systems:** Breaking ground loops in automated machinery. 2. **Data Communication:** Providing isolated power to RS-485 or CAN bus transceivers. 3. **Sensor Power:** Providing clean, isolated power to analog sensors in electrically noisy environments. 4. **Digital Circuits:** Isolating logic levels between different voltage domains.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for this module?
    • ⤷ Does this model require external capacitors for stability?
    • ⤷ What is the difference between the 0505 and 0512 versions of this series?