PE9934-72-R
AI

### Technical Overview of PE9934-72-R
The **PE9934-72-R** is a specialized high-frequency cable assembly typically manufactured by **Pasternack**. It is designed for applications requiring high precision, low signal loss, and durability in RF (Radio Frequency) environments.
---
### 1. Key Electronic Components
This part is not a single electronic component (like a resistor) but rather a complex **RF Cable Assembly**. Its performance is defined by three main sections:
| Component | Description | Material/Specification |
| :--- | :--- | :--- |
| **Connector A** | Precision Connector | N Male (Plug) |
| **Connector B** | Precision Connector | N Male (Plug) |
| **Coaxial Cable** | High-Performance Line | PE-P142LL (Low Loss) |
| **Length** | Physical Span | 72 Inches (182.88 cm) |
---
### 2. Electrical Specifications
The "Electronic" behavior of this part is characterized by how it manages electromagnetic waves. Below are the typical electrical parameters:
* **Impedance:** **50 Ohms**. This is the standard for RF communication to ensure maximum power transfer and minimum reflection.
* **Frequency Range:** Operates from **DC up to 18 GHz**.
* **Velocity of Propagation:** Typically **83%**, meaning the signal travels at 83% of the speed of light through the dielectric.
* **VSWR (Voltage Standing Wave Ratio):** Usually rated at **< 1.35:1**, indicating high efficiency and low reflected power.
* **Shielding Effectiveness:** Greater than **90 dB**, protecting the signal from external electromagnetic interference (EMI).
---
### 3. Material Construction (Physical-Electronic)
The internal structure is engineered to maintain signal integrity:
1. **Center Conductor:** Usually silver-plated copper for high conductivity.
2. **Dielectric:** Expanded PTFE (Polytetrafluoroethylene), which provides a low dielectric constant for low loss.
3. **Shielding:** Double shielded (often a silver-plated copper braid over a foil) to prevent "leakage" of the high-frequency signal.
4. **Jacket:** FEP (Fluorinated Ethylene Propylene), chosen for environmental resistance and flexibility.
---
### 4. Common Applications
* **Test and Measurement:** Connecting Analyzers to Devices Under Test (DUT).
* **Telecommunications:** Base station infrastructure.
* **Aerospace & Defense:** Radar and satellite communication links where 18 GHz performance is required.
---
- ⤷
What is the maximum power handling (Watts) for the PE9934-72-R at 18 GHz?
- ⤷ How does the 'Low Loss' characteristic of the PE-P142LL cable compare to standard RG cables?
- ⤷ Are there specific torque requirements for the N-type connectors on this assembly?