PE9934-18-R
AI

The **PE9934-18-R** is a high-performance, precision RF/Microwave component, specifically a **Fixed Coaxial Attenuator**. It is manufactured by Pasternack Enterprises and is designed to reduce the power of a signal by a specific amount without significantly distorting its waveform.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the PE9934-18-R:
| Feature | Specification |
|:---|:---|
| **Attenuation Value** | 18 dB |
| **Frequency Range** | DC to 18 GHz |
| **Connector Type** | SMA Male to SMA Female |
| **Impedance** | 50 Ohms |
| **Maximum Power (CW)** | 2 Watts |
| **VSWR (Max)** | 1.35:1 |
| **Accuracy** | ±0.6 dB |
| **Body Material** | Passivated Stainless Steel |
---
### 2. Electronic Functionality
The PE9934-18-R operates based on a resistive network (typically a Pi or T-pad configuration) integrated into a coaxial housing.
* **Signal Reduction:** It provides a fixed 18 dB reduction in power. In terms of linear power, an 18 dB attenuation reduces the input power by a factor of approximately **63 times**.
* **Impedance Matching:** It maintains a 50-ohm characteristic impedance across its entire frequency range (up to 18 GHz), minimizing signal reflections (Return Loss).
* **Heat Dissipation:** The unit is designed to handle up to 2 Watts of Continuous Wave (CW) power. The stainless steel body acts as a heat sink to dissipate the thermal energy generated by the internal resistors.
---
### 3. Common Applications
Due to its high frequency range and precision, this part is used in:
1. **Test and Measurement:** Protecting sensitive spectrum analyzers or oscilloscopes from high-power signals.
2. **Signal Leveling:** Adjusting signal strengths within a complex RF circuit to ensure components operate within their linear range.
3. **Impedance Buffering:** Placed between two mismatched components to improve the overall VSWR of the system.
---
### 4. Part Number Breakdown (Pasternack Logic)
| Prefix | Series | Value | RoHS Status |
|:---|:---|:---|:---|
| **PE** | **9934** | **-18** | **-R** |
| Pasternack Enterprises | Low Power SMA Attenuator | 18 Decibels (dB) | RoHS Compliant |
- ⤷
What is the difference between a fixed attenuator and a variable attenuator?
- ⤷ How do I calculate the output power if I input 1 Watt into this 18 dB attenuator?
- ⤷ Can this component be used in outdoor environments?