PE9930-72-R
AI

The **PE9930-72-R** is a high-performance, specialized RF cable assembly typically manufactured by **Pasternack**. This specific part belongs to a family of high-frequency flexible cables designed for testing, instrumentation, and aerospace applications where signal integrity is critical.
---
### 1. Technical Specifications
The part number "PE9930-72-R" provides specific data regarding its build and length.
| Feature | Specification |
| :--- | :--- |
| **Cable Type** | PE-P160 (LL160 Equivalent) |
| **Connector A** | N-Type Male |
| **Connector B** | N-Type Male |
| **Length** | 72 Inches (6 Feet) |
| **Maximum Frequency** | Up to 18 GHz |
| **Impedance** | 50 Ohms |
| **Jacket Material** | FEP (Fluorinated Ethylene Propylene) |
| **RoHS Compliant** | Yes (Indicated by "-R") |
---
### 2. Physical Construction
The internal electronic components of the cable are layered to minimize loss and electromagnetic interference (EMI).
* **Center Conductor:** Usually silver-plated copper (solid or stranded) for maximum conductivity.
* **Dielectric:** Expanded PTFE (Polytetrafluoroethylene), which provides a low dielectric constant and low loss tangent.
* **Shielding:** A multi-layer shield (typically a silver-plated copper tape followed by a silver-plated copper braid) to ensure >90 dB of RF shielding.
* **Connectors:** Precision-machined N-Type connectors with gold-plated center contacts to minimize contact resistance.
---
### 3. Key Performance Characteristics
* **Low Insertion Loss:** Designed to transmit signals over the 72-inch span with minimal power drop.
* **Phase Stability:** The PE-P160 series is known for being "phase stable," meaning the phase of the signal does not shift significantly when the cable is bent or moved.
* **Durability:** The FEP jacket is resistant to chemicals, UV light, and extreme temperatures, making it suitable for both lab environments and field deployments.
---
### 4. Common Applications
Due to its 18 GHz rating and N-Type connectors, this assembly is commonly used in:
1. **Vector Network Analyzer (VNA) Testing:** Connecting devices under test to measurement equipment.
2. **Military Communications:** High-reliability RF links in ground and airborne systems.
3. **Cellular Infrastructure:** Testing and deploying 5G and LTE base station hardware.
---
- ⤷
What is the maximum power handling (Watts) for the PE9930-72-R at 18 GHz?
- ⤷ How does the PE-P160 cable core differ from standard RG-type cables?
- ⤷ Are there alternative connector options for this specific cable series?