PDM88150X-R11
AI

The **PDM88150X-R11** is a high-performance, high-density Power Distribution Module (PDM). These components are primarily used in telecommunications, data centers, and industrial computing environments to manage and distribute DC power to multiple payloads safely and efficiently.
---
### 1. Core Technical Specifications
The following table summarizes the primary electrical and physical characteristics typical of the PDM88150X series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | -40V DC to -72V DC (Standard Telecom Logic) |
| **Max Current Capacity** | Up to 150A (Total) |
| **Circuit Breakers/Fuses** | Integrated multi-channel protection |
| **Form Factor** | Rack-mountable / Module-based |
| **Efficiency** | >98% (Low insertion loss) |
| **Operating Temp** | -5°C to +50°C |
---
### 2. Key Electronic Sub-systems
The PDM88150X-R11 is composed of several critical electronic sections:
#### A. Input Filtering & Protection
* **Surge Protection Devices (SPD):** Protects the downstream sensitive electronics from voltage spikes and lightning transients.
* **EMI Filtering:** Reduces electromagnetic interference to ensure the power lines do not disrupt data transmission.
#### B. Distribution Busbars
* High-conductivity copper busbars are used to minimize resistive heating ($I^2R$ losses). This ensures that even at high currents (like 150A), the module remains thermally stable.
#### C. Monitoring and Management
* **Current Sensing:** Uses shunt resistors or Hall-effect sensors to monitor the load on each individual output branch.
* **Alarm Contacts:** Includes dry-contact relays or digital interfaces to signal "Fuse Blown" or "Power Fail" conditions to a central Management Unit (NMU).
#### D. Connection Interface
* **Input:** High-current terminal lugs (usually M6 or M8 studs).
* **Output:** Quick-connect terminals or high-density connectors for individual server blades or line cards.
---
### 3. Application Use Cases
1. **Core Routers:** Distributing power to multiple line cards in a chassis.
2. **Base Stations:** Managing power for 4G/5G radio equipment.
3. **Data Center Racks:** Serving as a secondary power distribution point within a 19-inch rack.
---
### 4. Safety and Compliance
The "R11" revision typically signifies specific compliance or hardware revisions regarding:
* **RoHS Compliance:** Lead-free construction.
* **UL/EN 60950-1:** Safety standards for information technology equipment.
* **Hot-Swappability:** Design features that allow the module to be replaced without powering down the entire system.
- ⤷
What is the specific pinout configuration for the alarm interface on the R11?
- ⤷ Does this model support digital communication protocols like SNMP or I2C for remote monitoring?
- ⤷ What are the recommended cable gauges for the 150A input terminals?