công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PDM58140X-R21

  • AI
    The **PDM58140X-R21** is a high-performance, compact power module typically used in industrial automation, telecommunications, and high-density power distribution systems. It is characterized as a DC/DC converter or a specific power distribution unit (PDU) component. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics of the PDM58140X series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 36V - 75V DC (Common for Telecom) | | **Output Voltage** | 12V DC (Standard Bus) | | **Max Current Rating** | 140A - 150A | | **Efficiency** | >95% at Peak Load | | **Form Factor** | Quarter-Brick or Half-Brick Equivalent | | **Cooling** | Conduction or Forced Air | --- ### 2. Core Electronic Components Inside the PDM58140X-R21, several critical electronic subsystems work together to manage high-current power conversion: #### A. Power MOSFETs (High-Side & Low-Side) * **Function:** Act as high-speed switches. * **Tech:** Usually utilizes GaN (Gallium Nitride) or specialized Si (Silicon) MOSFETs to minimize switching losses and handle the 140A+ current capacity. #### B. Integrated PWM Controller * **Function:** The "brain" of the module. * **Role:** Regulates the duty cycle to maintain a stable output voltage despite fluctuations in input or load demand. #### C. Magnetic Components (Planar Transformers) * **Function:** Provides galvanic isolation and steps down the voltage. * **Design:** Often uses **Planar Magnetics** (PCB-integrated coils) rather than wire-wound bobbins to save space and improve thermal dissipation. #### D. Input/Output Filter Network * **Capacitors:** Low-ESR ceramic or polymer capacitors to reduce ripple current and EMI. * **Inductors:** High-saturation current inductors to smooth the DC output. --- ### 3. Protection Features The "R21" revision typically includes advanced hardware protection circuits: * **OCP (Over-Current Protection):** Automatically shuts down or limits current if the load exceeds safety thresholds. * **OTP (Over-Temperature Protection):** Thermal sensors (NTC thermistors) monitor the internal substrate temperature. * **OVP (Over-Voltage Protection):** Prevents the downstream sensitive electronics from being fried if the feedback loop fails. --- ### 4. Interface and Signaling The module usually features a set of low-power pins for control: 1. **Remote On/Off:** Allows a microcontroller to enable/disable the power flow. 2. **Voltage Trim:** Allows the user to adjust the output voltage slightly via an external resistor. 3. **Current Sense:** Provides an analog signal proportional to the output load for system monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the PDM58140X-R21?
    • ⤷ How does the R21 revision differ from the R20 version?
    • ⤷ What are the recommended thermal management strategies for this module?