PDM58140X-R11
AI

The **PDM58140X-R11** is a high-performance, high-current power inductor typically used in automotive and industrial power electronics. It is part of a family of molded power inductors designed for high reliability and efficiency in DC-DC converters.
---
### 1. Key Technical Specifications
The following table highlights the general electrical characteristics associated with this series of power inductors:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 14.0 µH (nominal) |
| **Current Rating (Isat)** | High Saturation Current (typically >10A) |
| **Current Rating (Irms)** | High Temperature Rise Current |
| **DCR (DC Resistance)** | Low Resistance for minimal power loss |
| **Operating Temp** | -40°C to +125°C or +150°C |
| **Construction** | Metal Composite / Shielded Molded |
---
### 2. Core Electronic Features
#### A. Shielded Molded Construction
The "PDM" series utilizes a metal powder composite core. This construction provides several electronic advantages:
* **Magnetic Shielding:** Minimizes Electromagnetic Interference (EMI) with surrounding components.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply at high currents, this composite core exhibits a "soft" saturation curve, maintaining stability during current spikes.
#### B. Low DC Resistance (DCR)
The internal copper winding is designed to have a very low DCR. This is critical for:
* Reducing $I^2R$ power losses.
* Improving the overall efficiency of the Power Management Integrated Circuit (PMIC).
* Reducing heat generation within the PCB assembly.
#### C. High Frequency Performance
These inductors are optimized for high-speed switching frequencies (often ranging from 100kHz to several MHz), making them suitable for modern buck/boost converters.
---
### 3. Common Applications
Due to its robust thermal and electrical profile, the PDM58140X-R11 is frequently found in:
1. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), Infotainment, and Body Control Modules.
2. **Industrial Power Supplies:** Distributed power systems and DC-DC regulators.
3. **Computing:** High-current Point-of-Load (PoL) converters for CPUs and GPUs.
---
### 4. Part Number Breakdown (Example)
While specific to the manufacturer's nomenclature, the code generally follows this logic:
* **PDM:** Product Series (Power Inductor, Molded).
* **58:** Physical dimensions (e.g., approx 5mm x 5mm or similar footprint).
* **140:** Inductance value (140 usually represents 14.0 µH).
* **R11:** Revision or packaging code.
- ⤷
What are the specific footprint dimensions for the 58 series PDM inductors?
- ⤷ How does the soft saturation curve of this part compare to traditional ferrite inductors?
- ⤷ Can this inductor be used in AEC-Q200 qualified automotive designs?