công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PD064VT4_V8

  • AI
    ## Technical Overview of the PD064VT4_V8 The **PD064VT4_V8** is a 6.4-inch Industrial TFT-LCD (Thin Film Transistor Liquid Crystal Display) panel manufactured by **Prime View International (PVI)**, now part of E Ink Holdings. It is widely used in industrial equipment, medical devices, and navigation systems due to its durability and standardized interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Panel Type** | a-Si TFT-LCD | | **Screen Size** | 6.4 inch | | **Resolution** | 640 × 480 (VGA) | | **Aspect Ratio** | 4:3 | | **Display Mode** | TN, Normally White, Transmissive | | **Luminance** | 400 cd/m² (Typical) | | **Contrast Ratio** | 400:1 (Typical) | | **Backlight Type** | CCFL (Cold Cathode Fluorescent Lamp) | --- ### 2. Electronic Interface Components The electronic architecture of the PD064VT4_V8 consists of three primary subsystems: #### A. The TTL Interface (Signal) This panel utilizes a **TTL (Transistor-Transistor Logic)** parallel interface, which was standard for older industrial displays. * **Data Pins:** Typically uses a 31-pin connector. * **Color Depth:** 6-bit (262,144 colors). * **Synchronization:** It requires Horizontal Sync (H-Sync), Vertical Sync (V-Sync), and Data Enable (DE) signals to function. #### B. The Backlight System Unlike modern LED-backlit screens, the V8 revision uses **CCFL** tubes. * **Inverter Requirement:** It requires an external high-voltage inverter to ignite and power the CCFL bulb. * **Connector:** Usually a separate 2-pin small JST-type connector for the backlight. #### C. Power Supply Requirements The internal electronics (Logic) and the LCD driving circuitry require specific voltages: * **Vcc (Logic):** +3.3V or +5.0V (model-dependent, usually 3.3V). * **Current Consumption:** Low power consumption, typically around 250-300mA for the logic side. --- ### 3. Pinout Configuration (Common 31-pin TTL) While the exact pinout should be verified via the datasheet, the standard layout for this PVI series is as follows: ```text Pin 1-2: VCC (Power +3.3V) Pin 3: GND Pin 4: H-Sync Pin 5: V-Sync Pin 6: GND Pin 7-12: Red Data (R0-R5) Pin 13-18: Green Data (G0-G5) Pin 19-24: Blue Data (B0-B5) Pin 25: GND Pin 26: Clock (DCLK) Pin 30: Data Enable (DE) ``` --- ### 4. Critical Maintenance Notes 1. **High Voltage Hazard:** The CCFL inverter produces over 600V AC. Caution must be taken when testing the backlight pins. 2. **Replacement Compatibility:** If you are looking to replace this with an LED-backlit version, you will need a specialized **LED Driver/Converter** to replace the original CCFL inverter. 3. **Signal Conversion:** Since modern computers use HDMI or DisplayPort, a **TTL-to-LVDS** or **TTL-to-HDMI** controller board is required to drive this panel from a modern PC. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage requirement for the CCFL inverter on this panel?
    • ⤷ Can this screen be upgraded to an LED backlight
    • ⤷ and what parts are needed?
    • ⤷ Where can I download the full 31-pin datasheet for the PD064VT4?