PCSDR74-R33M-RC
AI

The **PCSDR74-R33M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC conversion and power management circuits. It belongs to a series characterized by its shielded drum core construction.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its specific physical and electrical properties:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **PCSDR** | Series Name | Power Inductor, Shielded Drum Core |
| **74** | Dimensions | Approx. 7.3mm x 7.3mm (Footprint size) |
| **R33** | Inductance Value | **0.33 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
| **RC** | RoHS Compliant | Meets environmental safety standards |
---
### 2. Technical Specifications
These values are critical for circuit design to ensure the component does not overheat or saturate.
| Property | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~13 mΩ (Max) |
| **Saturation Current ($I_{sat}$)** | ~8.0 A - 10.0 A (Typically high for this low value) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
### 3. Key Electronic Characteristics
* **Magnetically Shielded:** The drum core is wrapped in a ferrite sleeve. This reduces electromagnetic interference (EMI) with neighboring components, making it ideal for high-density PCB layouts.
* **Low Inductance / High Current:** At 0.33 µH, this inductor is designed for very high-frequency switching regulators. It allows for high current throughput with minimal energy storage time.
* **Low DCR:** The low DC resistance minimizes power loss through heat (Joule heating), improving the overall efficiency of the power supply.
---
### 4. Common Applications
Due to its shielding and high current capacity, it is frequently found in:
1. **Point of Load (POL) Converters:** Providing power to CPUs or FPGAs.
2. **DC-DC Buck/Boost Converters:** Used in mobile devices and telecommunications.
3. **Graphic Cards:** Managing power phases for high-performance GPUs.
4. **Embedded Systems:** General power regulation in industrial electronics.
---
- ⤷What is the difference between shielded and unshielded inductors in power circuits?
- ⤷ How does saturation current affect the performance of a DC-DC converter?
- ⤷ What are the footprint dimensions for the PCSDR74 series?