AI

The **PCSDR73-R56M-RC** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply filtering applications. It is part of a series known for its shielded construction and high current handling.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | ~11.6 mΩ (max) |
| **Rated Current (Saturation)** | ~7.70 A |
| **Dimensions (LxWxH)** | 7.3 x 7.3 x 3.5 mm |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Breakdown of the Part Number
The nomenclature provides specific details about the component's build:
* **PCSDR**: Series name (Power Inductor, Shielded).
* **73**: Physical size code (approx. 7mm x 3mm height).
* **R56**: The inductance value. "R" acts as a decimal point, resulting in **0.56 µH**.
* **M**: Tolerance code, representing **±20%**.
* **RC**: Compliance code, typically indicating **RoHS Compliant**.
---
### 3. Key Electronic Functions
The PCSDR73-R56M-RC serves several critical roles in a circuit:
1. **Energy Storage:** In switching regulators, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to maintain a steady output voltage.
2. **Noise Suppression:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through.
3. **Magnetic Shielding:** Because it is shielded, it minimizes **Electromagnetic Interference (EMI)**, preventing the inductor's magnetic field from interfering with neighboring sensitive components on the PCB.
---
### 4. Common Applications
Due to its low inductance and high current rating, this part is ideal for:
* **Voltage Regulator Modules (VRMs)** for CPUs and GPUs.
* **High-efficiency DC-DC converters** (Buck, Boost, or SEPIC).
* **Battery-powered devices** where compact size and low DCR are required to minimize power loss.
---
- ⤷What are the equivalent alternative parts for the PCSDR73-R56M-RC?
- ⤷ How does magnetic shielding impact the performance of power inductors?
- ⤷ What is the significance of the saturation current in this inductor?