PCS105-R80T-RC
AI

The **PCS105-R80T-RC** is a high-current, shielded power inductor typically manufactured by companies like Taiyo Yuden or similar specialty magnetic component providers. It is designed for use in DC-DC converters and power supply circuits where high efficiency and low electromagnetic interference (EMI) are required.
---
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.8 µH (indicated by "R80") |
| **Tolerance** | ±20% (indicated by "T") |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C (typical) |
| **DC Resistance (DCR)** | Very Low (typically < 5 mΩ) |
| **RoHS Compliant** | Yes (indicated by "RC") |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's physical and electrical profile:
* **PCS105**: Represents the series and physical dimensions. Usually, "105" refers to a footprint of approximately **10mm x 10mm** with a height of **5mm**.
* **R80**: Represents the inductance value. The "R" acts as a decimal point. $0.80$ microhenries ($\mu H$).
* **T**: Represents the tolerance of the inductance value (T = $\pm 20\%$).
* **RC**: Indicates "RoHS Compliant," meaning it is free from lead and other hazardous substances.
---
### 3. Key Electronic Functions
Inductors like the PCS105-R80T-RC perform several critical roles in an electronic assembly:
#### A. Energy Storage
In switching regulators (Buck/Boost converters), this inductor stores energy in its magnetic field during the "on" cycle of the switch and releases it to the load during the "off" cycle.
#### B. Noise Filtration (EMI Suppression)
Because it is **magnetically shielded**, the component contains the magnetic flux within the core. This prevents the inductor from interfering with nearby sensitive components and reduces radiated EMI.
#### C. Ripple Current Reduction
The $0.8 \mu H$ value is relatively low, making it suitable for high-frequency switching power supplies. It helps smooth out the current ripples produced by the switching action of transistors.
---
### 4. Typical Applications
* **Voltage Regulator Modules (VRM):** Used in motherboards and GPU power phases.
* **High-current DC-DC Converters:** Found in industrial power supplies.
* **Telecommunications Equipment:** Used in base stations and networking hardware.
* **Battery Powered Systems:** Where high efficiency is needed to extend battery life.
- ⤷
What is the maximum saturation current for the PCS105-R80T-RC?
- ⤷ How does magnetic shielding improve performance in high-density PCB layouts?
- ⤷ What are the recommended footprint dimensions for soldering this SMD inductor?