công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PCH-R414

  • AI
    The **PCH-R414** is a specialized electronic component, most commonly recognized as a **high-precision, high-voltage chip resistor** often utilized in industrial power supplies, medical equipment, and precision measuring instruments. Below is a breakdown of its technical specifications, construction, and typical applications. ### 1. Technical Specifications The "PCH" series typically denotes precision resistors with specific tolerances and temperature coefficients. While exact specs can vary by manufacturer (such as Viking Tech or specialized resistor houses), the general profile for the R414 configuration is as follows: | Feature | Typical Value / Range | | :--- | :--- | | **Resistance Value** | Specified by the user (R414 may refer to a specific batch or 0.414 $\Omega$) | | **Power Rating** | 0.25W to 1W (Size dependent) | | **Tolerance** | ±0.1% to ±1% (High Precision) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±100 ppm/°C | | **Max Working Voltage** | 200V - 500V (Depending on package size) | | **Package Size** | SMD (Surface Mount Device), often 0805 or 1206 | --- ### 2. Physical Construction The PCH-R414 is constructed using **Thin Film** or **Metal Film** technology to ensure stability over time and temperature. * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic core for heat dissipation. * **Resistive Layer:** A thin layer of metal alloy (NiCr) deposited via vacuum sputtering. * **Protection:** Covered with an epoxy or glass overcoat to prevent environmental oxidation and moisture ingress. * **Terminations:** Multi-layer electrode structure (usually Silver/Nickel/Solder) to ensure strong solderability and prevent "leaching" during assembly. --- ### 3. Key Electronic Characteristics The PCH-R414 is chosen for circuits where standard resistors would fail due to drift or noise. 1. **Low Noise:** Due to the thin-film construction, it exhibits very low current noise, making it ideal for audio pre-amplifiers and sensitive sensor interfaces. 2. **High Stability:** It maintains its resistance value even under high humidity and thermal cycling. 3. **Pulse Withstanding:** Designed to handle short-term voltage surges without structural breakdown. --- ### 4. Common Applications Due to its precision, you will find this component in: * **DC-DC Converters:** For feedback loops where voltage accuracy is critical. * **Medical Electronics:** Used in ECG or imaging equipment requiring low-drift components. * **Automotive ECU:** For engine control units where temperature fluctuates rapidly. * **Telecommunications:** In base station power management modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between thin-film and thick-film resistors like the PCH-R414?
    • ⤷ How do I interpret the R414 code if it refers to a resistance value?
    • ⤷ Which manufacturers are the primary suppliers for PCH series resistors?