công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PCF0J331MCL1GS

  • AI
    ## Electronic Component Analysis: PCF0J331MCL1GS The **PCF0J331MCL1GS** is a high-performance **Conductive Polymer Aluminum Solid Electrolytic Capacitor** manufactured by **Nichicon**. It belongs to the **PCF Series**, which is designed for surface mount (SMD) applications requiring low ESR and high reliability. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Capacitance** | 330 µF | | **Voltage (Rated)** | 6.3 V DC | | **Tolerance** | ±20% (at 120Hz, 20°C) | | **ESR (Equivalent Series Resistance)** | 25 mΩ (at 100kHz, 20°C) | | **Rated Ripple Current** | 2500 mArms (at 100kHz, 105°C) | | **Operating Temperature** | -55°C to +105°C | | **Endurance (Lifetime)** | 2000 hours at 105°C | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | Radial Can - SMD (6.30mm x 6.00mm) | --- ### 2. Functional Characteristics * **Polymer Electrolyte:** Unlike standard electrolytic capacitors that use liquid electrolytes, this part uses a functional conductive polymer. This results in significantly lower ESR and prevents the component from "drying out," leading to a longer lifespan and better stability. * **High Ripple Current:** Due to its low internal resistance, it can handle high ripple currents, making it ideal for smoothing power in high-speed switching circuits. * **Temperature Stability:** The capacitance and ESR remain relatively stable across its entire operating temperature range compared to standard wet aluminum capacitors. --- ### 3. Part Number Breakdown The part number provides specific manufacturing data: * **PCF:** Series name (Aluminum Solid Electrolytic - Polymer Type). * **0J:** Voltage code (0J = 6.3 Volts). * **331:** Capacitance code (330 µF; the '1' indicates the number of zeros following '33'). * **M:** Tolerance code (M = ±20%). * **CL:** Package style/size code. * **1GS:** Taping/Packaging specification. --- ### 4. Common Applications This capacitor is typically used in modern electronics where space is limited and power efficiency is critical: 1. **Motherboards & Servers:** For CPU and GPU voltage regulation modules (VRM). 2. **DC/DC Converters:** Input/output filtering for switching power supplies. 3. **Telecommunications:** Noise suppression in base stations and networking gear. 4. **Solid State Drives (SSD):** Ensuring stable power delivery during high-speed data operations. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a polymer capacitor over a standard liquid electrolytic capacitor?
    • ⤷ How does the ESR of this component affect power efficiency in a circuit?
    • ⤷ What is the soldering footprint/land pattern recommendation for the PCF series?