công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PCF0G331MCL1GS

  • AI
    The **PCF0G331MCL1GS** is a high-performance **Conductive Polymer Aluminum Solid Electrolytic Capacitor** manufactured by **Nichicon**. It belongs to the **CF series**, which is designed for low ESR (Equivalent Series Resistance) and high reliability in surface-mount (SMD) applications. --- ### 1. Technical Specifications The following table summarizes the core electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 330 µF | | **Rated Voltage** | 4.0 V (DC) | | **Tolerance** | ±20% (120Hz, 20°C) | | **ESR** | 7 mΩ (max) at 100kHz to 300kHz | | **Rated Ripple Current** | 4100 mArms (100kHz, +105°C) | | **Operating Temperature** | -55°C to +105°C | | **Endurance/Life** | 2000 hours at 105°C | | **Package / Case** | SMD (Radial Can - SMD) | | **Dimensions** | 6.3mm Diameter x 5.9mm Height | --- ### 2. Key Features * **Polymer Technology:** Unlike standard liquid electrolytic capacitors, this uses a solid conductive polymer. This prevents the "drying out" effect, leading to a much longer lifespan and stability. * **Ultra-Low ESR:** The 7mΩ resistance allows for highly efficient power delivery and minimal heat generation during high-frequency switching. * **High Ripple Current:** It can handle significant current fluctuations, making it ideal for modern high-speed processors. * **Reflow Soldering:** Designed for automated SMT (Surface Mount Technology) assembly lines. --- ### 3. Common Applications Due to its high capacitance and low voltage rating, this part is typically used in the following circuits: 1. **Motherboards & Servers:** Decoupling noise from high-speed CPU/GPU power rails. 2. **DC-DC Converters:** Output filtering for point-of-load (POL) regulators. 3. **Telecommunications:** Power management in networking hardware where space and heat dissipation are critical. 4. **Solid State Drives (SSDs):** Voltage stabilization. --- ### 4. Part Number Breakdown Understanding the Nichicon nomenclature for this specific part: * **PCF:** Series code (Aluminum Solid Electrolytic - Low ESR). * **0G:** Voltage code (0G = 4 Volts). * **331:** Capacitance code (33 + 1 zero = 330µF). * **M:** Tolerance code (M = ±20%). * **CL:** Size/Package code. * **1GS:** Packaging style (Taping/Reel). ---
    ✨ Follow-up Questions
    • ⤷ How does the ESR of this polymer capacitor compare to a standard aluminum electrolytic capacitor?
    • ⤷ What are the recommended reflow soldering profiles for the PCF series?
    • ⤷ Are there higher voltage alternatives within the same Nichicon CF series?