PCC421AP-20-R6
AI

The **PCC421AP-20-R6** is a high-performance, loop-powered (4-20 mA output) industrial vibration sensor, specifically a **velocity transmitter**. It is manufactured by Wilcoxon Sensing Technologies and is designed for permanent mount monitoring of industrial rotating machinery.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic and physical characteristics of the PCC421AP-20-R6:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | 4-20 mA (Proportional to Velocity) |
| **Measurement Range** | 0 to 2.0 inches per second (ips) |
| **Frequency Response** | 10 Hz to 1,000 Hz (±10%) |
| **Power Requirement** | 12 to 30 VDC (Loop Powered) |
| **Detection Peak Type** | True Peak |
| **Connector Type** | M12 Eurofast (4-pin) |
| **Operating Temperature** | -40°C to +85°C |
| **Housing Material** | 316L Stainless Steel |
---
### 2. Internal Electronic Components
The device functions as an integrated system that converts physical vibration into an analog current loop signal. Its internal architecture typically consists of:
#### A. Piezoelectric Sensing Element
The "heart" of the sensor is a piezoelectric ceramic crystal. When the machine vibrates, the crystal is subjected to mechanical stress, generating a small proportional electrical charge (high impedance).
#### B. Charge Amplifier / Buffer
Because the raw signal from the piezo element is extremely weak, internal high-impedance amplifiers convert the charge into a low-impedance voltage signal.
#### C. Integrator Circuit
Since piezoelectric elements naturally measure acceleration, an **integrator circuit** is used to convert the acceleration signal into **velocity**. Velocity is the preferred metric for most industrial machinery health monitoring (ISO 10816).
#### D. Peak Detection & RMS Conversion
The "AP" in the model number signifies **Peak** detection. The electronics process the vibration waveform to determine the peak amplitude rather than the average or RMS value.
#### E. 4-20 mA Transmitter (Voltage-to-Current)
The final stage is a current regulator that modulates the current draw on the DC loop.
* **4 mA** = Zero vibration.
* **20 mA** = Full scale (2.0 ips).
---
### 3. Wiring Configuration
The PCC421AP-20-R6 uses an M12 connector. In a standard 2-wire current loop, the wiring logic is as follows:
```text
Pin 1: + Loop (Positive Supply 12-30V)
Pin 2: - Loop (Signal Return / Common)
Pin 3: Not Connected
Pin 4: Not Connected
```
---
### 4. Typical Applications
* **Motors & Pumps:** Monitoring for imbalance or misalignment.
* **Fans & Blowers:** Detecting blade pass issues or bearing wear.
* **PLC/DCS Integration:** Directly connecting to an Analog Input card without needing separate vibration monitors.
- ⤷
How do I calculate the vibration level from the 4-20 mA output signal?
- ⤷ What is the difference between Peak and RMS measurement in this sensor?
- ⤷ Are there specific mounting torque requirements for the PCC421 series?