PCC-SMP-U-50-R
AI

The **PCC-SMP-U-50-R** is a specialized electronic component primarily used in temperature measurement and instrumentation. It is a surface-mount connector designed for thermocouples.
### 1. General Specifications
This part is a subminiature thermocouple connector designed to be mounted directly onto a Printed Circuit Board (PCB).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Omega Engineering |
| **Connector Type** | PCC (PCB Connector) |
| **Calibration Type** | Type U (Uncompensated/Copper) |
| **Mounting Style** | Surface Mount (SMD/SMT) |
| **Orientation** | Right-Angle / Horizontal |
| **Package Quantity** | 50 (indicated by the "-50" suffix) |
---
### 2. Key Electronic Features
#### A. Calibration Type (Type U)
The "U" in the part number stands for **Uncompensated**.
- Unlike Type K or Type J connectors which use specific thermocouple alloys, Type U uses **copper pins**.
- It is typically used for RTDs (Resistance Temperature Detectors) or for situations where the thermocouple compensation is handled elsewhere on the circuit board.
#### B. Mounting Mechanism
- **Surface Mount (SMT):** Designed to be soldered onto the surface of a PCB rather than through holes.
- **Transistor Retaining Clip:** The "-R" suffix indicates the inclusion of a **retaining clip**. This clip provides mechanical stability, ensuring the connector stays securely attached to the board even when the mating plug is inserted or removed.
#### C. Contact Material
The pins are usually made of copper with a gold or nickel plating to ensure high conductivity and resistance to oxidation, which is critical for low-voltage signal integrity.
---
### 3. Application and Usage
This part is commonly found in industrial and laboratory environments where temperature data needs to be logged or monitored via a compact electronic device.
* **Handheld Thermometers:** Internal PCB connection for external probes.
* **Data Loggers:** Small-scale devices requiring multiple thermocouple inputs.
* **OEM Instrumentation:** Integrated into custom control panels.
---
### 4. Mechanical Dimensions (Typical)
While exact dimensions should be verified via the datasheet, the **SMP** (Subminiature) series generally follows these constraints:
- **Pin Spacing:** Designed for standard subminiature thermocouple plugs.
- **Profile:** Low profile to fit within slim electronic enclosures.
---
- ⤷
What is the difference between Type U and Type K connectors in this series?
- ⤷ How does the 'Retaining Clip' affect the PCB layout requirements?
- ⤷ Can this connector be used with standard through-hole soldering techniques?