PCC-SMP-T-50-R
AI

The **PCC-SMP-T-50-R** is a specialized electronic connector designed for temperature measurement applications. It is part of the Omega Engineering PCC series, specifically engineered to connect thermocouples to printed circuit boards (PCBs).
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Thermocouple Type** | Type T (Copper-Constantan) |
| **Connector Type** | SMP (Subminiature) |
| **Mounting Style** | PCB Mount (Horizontal/Right Angle) |
| **Body Material** | Glass-filled Nylon |
| **Pin Material** | Copper (+) and Constantan (-) |
| **Temperature Rating** | Up to 220°C (425°F) |
| **Quantity Suffix** | -50 (Pack of 50), -R (Reel/Bulk packaging) |
---
## Key Components and Features
### 1. Material Composition (Type T)
As a **Type T** connector, the internal pins are made of actual thermocouple alloys:
* **Positive Terminal:** Pure Copper.
* **Negative Terminal:** Constantan (Copper-Nickel alloy).
* **Purpose:** Using identical metals to the thermocouple wire prevents "parasitic junctions," which are unintended voltage drops that occur when dissimilar metals meet, ensuring high-accuracy temperature readings.
### 2. Physical Design
* **Subminiature (SMP) Size:** These are compact connectors designed for high-density electronic layouts.
* **Transistor Retainer Clip:** The "PCC" designation often includes a patented clip design that allows the connector to be securely attached to the PCB without specialized tools or excessive soldering stress.
* **Polarized Pins:** The pins are sized differently (one wide, one narrow) to prevent the user from plugging in the thermocouple backwards, which would cause inverse temperature readings.
### 3. PCB Integration
The "R" suffix typically refers to the packaging or orientation intended for automated assembly. These connectors allow a handheld thermocouple probe to be plugged directly into a circuit board, acting as the bridge between the analog sensor and the digital processing components (like an ADC or Microcontroller).
---
## Typical Applications
* **Digital Thermometers:** Internal connection point for handheld devices.
* **Data Loggers:** Multi-channel temperature recording boards.
* **OEM Instrumentation:** Integrating temperature sensing directly into industrial control motherboards.
* **Cold Junction Compensation (CJC):** Often placed near a thermistor on the PCB to allow the software to calculate the absolute temperature.
- ⤷
What are the differences between Type T and Type K thermocouple connectors?
- ⤷ How does the cold junction compensation work with this specific connector on a PCB?
- ⤷ Are there surface-mount (SMD) versions of the PCC-SMP series available?